Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7001-3 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7001-3
Description  3 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 3 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7001-3 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7001-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7001-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7001-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2012 Pasternack Enterprises All Rights Reserved
3 dB Fixed Attenuator, SMA Male To SMA Female Passivated
Stainless Steel Body Rated To 2 Watts Up To 3 GHz
PE7001-3
CAD Drawing
PE7001-3 REV


Similar Part No. - PE7001-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7001-3 PASTERNACK-PE7001-3 Datasheet
231Kb / 3P
   3 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-30 PASTERNACK-PE7001-30 Datasheet
258Kb / 3P
   30 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 3 GHz
PE7001-30 PASTERNACK-PE7001-30 Datasheet
231Kb / 3P
   30 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-30 PASTERNACK-PE7001-30_16 Datasheet
231Kb / 3P
   30 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-3 PASTERNACK-PE7001-3_16 Datasheet
231Kb / 3P
   3 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
More results

Similar Description - PE7001-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7001-2 PASTERNACK-PE7001-2 Datasheet
259Kb / 3P
   2 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 3 GHz
PE7001-40 PASTERNACK-PE7001-40 Datasheet
258Kb / 3P
   40 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 3 GHz
PE7001-20 PASTERNACK-PE7001-20 Datasheet
258Kb / 3P
   20 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 3 GHz
PE7162-3 PASTERNACK-PE7162-3 Datasheet
262Kb / 3P
   3 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 6 GHz
PE7001-10 PASTERNACK-PE7001-10 Datasheet
258Kb / 3P
   10 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 3 GHz
PE7001-9 PASTERNACK-PE7001-9 Datasheet
259Kb / 3P
   9 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 3 GHz
PE7001-1 PASTERNACK-PE7001-1 Datasheet
258Kb / 3P
   1 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 3 GHz
PE7001-30 PASTERNACK-PE7001-30 Datasheet
258Kb / 3P
   30 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 3 GHz
PE7001-12 PASTERNACK-PE7001-12 Datasheet
259Kb / 3P
   12 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 3 GHz
PE7001-6 PASTERNACK-PE7001-6 Datasheet
258Kb / 3P
   6 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com