Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0609-0799 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # 0609-0799
Description  Assemblies and combinations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

0609-0799 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  0609-0799 Datasheet HTML 1Page - Cherry Semiconductor Corporation 0609-0799 Datasheet HTML 2Page - Cherry Semiconductor Corporation 0609-0799 Datasheet HTML 3Page - Cherry Semiconductor Corporation 0609-0799 Datasheet HTML 4Page - Cherry Semiconductor Corporation 0609-0799 Datasheet HTML 5Page - Cherry Semiconductor Corporation 0609-0799 Datasheet HTML 6Page - Cherry Semiconductor Corporation 0609-0799 Datasheet HTML 7Page - Cherry Semiconductor Corporation 0609-0799 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6
Characteristics
– Selector switches with
only 6 mm width for
compact building of
blocks with a larger
number of modules.
– 10 switching positions.
Housing black.
– Connection with solder
pins
Series PB
Dimensions in mm
+
-
+
-
+
-
+
-
174
3
6
2
19,5
15,6
4,5
Frontplattenstärke1-2,4
Front panel
space
n x 6 + 3,3
Switching
positions
10
Readout
dimensions
B=3
H=4
Height
of legends
3
®
0,6x0,5
2,54
nx6+3
4,75
Technical data
Operating force
approx. 300 cN (with tactile
feeling)
Contact resistance
0,1
Ω max.
Insulating resistance
103 M
Dielectric strength
500 V–
Electrical rating
(ohmic restistance)
0,1 A/50 V~
Max. current
(non switching current)
1A
Temperature
-20 bis +80 °C
Life cycle (mechanical)
106 operations
Shock
50 g, 11 ms
Vibration
15 g, 10-2000 Hz
Weight
approx. 2 g
Materials
Housing material
PPO (Noryl)
Contacts
WE alloy
Printed circuit board
FR 3, copper-plated
Au over In
Mounting
Front-mounting, snap-in end-
caps. Mounting of units
through integrated pins.
Stops
Setting through factory only.
Terminals
Solder pins: 0,6 x 0,5
(spacing 2,54)


Similar Part No. - 0609-0799

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
0609-0754 CHERRY-0609-0754 Datasheet
6Mb / 8P
   Assemblies and combinations
0609-0756 CHERRY-0609-0756 Datasheet
6Mb / 8P
   Assemblies and combinations
0609-0760 CHERRY-0609-0760 Datasheet
6Mb / 8P
   Description
More results

Similar Description - 0609-0799

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
06090760 CHERRY-06090760 Datasheet
6Mb / 8P
   Assemblies and combinations
06091348 CHERRY-06091348 Datasheet
6Mb / 8P
   Assemblies and combinations
06090801 CHERRY-06090801 Datasheet
6Mb / 8P
   Assemblies and combinations
06090803 CHERRY-06090803 Datasheet
6Mb / 8P
   Assemblies and combinations
06090799 CHERRY-06090799 Datasheet
6Mb / 8P
   Assemblies and combinations
0609-1346 CHERRY-0609-1346 Datasheet
6Mb / 8P
   Assemblies and combinations
0609-1347 CHERRY-0609-1347 Datasheet
6Mb / 8P
   Assemblies and combinations
06091346 CHERRY-06091346 Datasheet
6Mb / 8P
   Assemblies and combinations
0609-0754 CHERRY-0609-0754 Datasheet
6Mb / 8P
   Assemblies and combinations
06091347 CHERRY-06091347 Datasheet
6Mb / 8P
   Assemblies and combinations
PEHA3000 CHERRY-PEHA3000 Datasheet
6Mb / 8P
   Assemblies and combinations
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com