Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08057C103JAT2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 08057C103JAT2A
Description  X7R Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08057C103JAT2A Datasheet(HTML) 1 Page - AVX Corporation

  08057C103JAT2A Datasheet HTML 1Page - AVX Corporation 08057C103JAT2A Datasheet HTML 2Page - AVX Corporation 08057C103JAT2A Datasheet HTML 3Page - AVX Corporation 08057C103JAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
17
X7R Dielectric
General Specifications
X7R formulations are called “temperature stable” ceramics and
fall into EIA Class II materials. X7R is the most popular of these
intermediate dielectric constant materials. Its temperature varia-
tion of capacitance is within ±15% from -55°C to +125°C. This
capacitance change is non-linear.
Capacitance for X7R varies under the influence of electrical op-
erating conditions such as voltage and frequency.
X7R dielectric chip usage covers the broad spectrum of
industrial applications where known changes in capacitance
due to applied voltages are acceptable.
PART NUMBER (see page 2 for complete part number explanation)
10
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature
°C
X7R Dielectric�
Typical Temperature Coefficient
5
0
-5
-10
-15
-20
-25
+10
+20
+30
0
-10
-20
-30
1KHz
10 KHz
100 KHz
1 MHz
10 MHz
Frequency
Capacitance vs. Frequency
1,000
10,000
100
0
0
20
120
40
60
80
Temperature
°C
Insulation Resistance vs Temperature
100
10
100
1000
Frequency, MHz
Variation of Impedance with Cap Value�
Impedance vs. Frequency�
1,000 pF vs. 10,000 pF - X7R�
0805�
0.10
0.01
1.00
1,000 pF
10,000 pF
10.00
110
100
1,000
Frequency, MHz
Variation of Impedance with Chip Size�
Impedance vs. Frequency�
100,000 pF - X7R�
0.1
.01
1.0
1206
0805
10
1210
110
100
1,000
Frequency, MHz
Variation of Impedance with Chip Size�
Impedance vs. Frequency�
10,000 pF - X7R�
0.1
.01
1.0
1206
0805
10
1210
0805
Size
(L" x W")
5
Voltage
4V = 4
6.3V = 6
10V = Z
16V = Y
25V = 3
50V = 5
100V = 1
200V = 2
500V = 7
C
Dielectric
X7R = C
103
Capacitance
Code (In pF)
2 Sig. Digits +
Number of Zeros
M
Capacitance
Tolerance
J = ± 5%*
K = ±10%
M = ± 20%
*≤1μF only,
contact factory for
additional values
2
Packaging
2 = 7" Reel
4 = 13" Reel
7 = Bulk Cass.
9 = Bulk
Contact
Factory For
Multiples
A
Special
Code
A = Std.
Product
T
Terminations
T = Plated Ni
and Sn
7 = Gold Plated*
Z = FLEXITERM®**
A
Failure
Rate
A = Not
Applicable
*Optional termination
**See FLEXITERM®
X7R section
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
Contact factory for non-specified capacitance values.


Similar Part No. - 08057C103JAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08057C103JAT2A AVX-08057C103JAT2A Datasheet
282Kb / 18P
   Dielectric General Specifications
08057C103JAT2A AVX-08057C103JAT2A Datasheet
106Kb / 4P
   X7R Dielectric
08057C103JAT2A AVX-08057C103JAT2A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
08057C103JAT2A AVX-08057C103JAT2A Datasheet
95Kb / 4P
   X7R Dielectric
08057C103JAT2A AVX-08057C103JAT2A Datasheet
81Kb / 4P
   X7R Dielectric
More results

Similar Description - 08057C103JAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04025C102KAT2A AVX-04025C102KAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04025C151KAT2A AVX-04025C151KAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04025C202JAT2A AVX-04025C202JAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04025C331KAT2A AVX-04025C331KAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04025C821JAT2A AVX-04025C821JAT2A Datasheet
131Kb / 4P
   X7R Dielectric
08055C332KAT2A AVX-08055C332KAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04023C331JAT2A AVX-04023C331JAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04023C391KAT2A AVX-04023C391KAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04023C392JAT2A AVX-04023C392JAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04023C471KAT4A AVX-04023C471KAT4A Datasheet
131Kb / 4P
   X7R Dielectric
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com