Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT3492 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button ACT3492 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
7
All other Mode Commands are serviced internally by the RT. The Terminal Flag and Message Error Status
Bits and BIT Word contents are controlled by the RT; however the subsystem has the option to set the
Message Error Bit and to control the reset conditions for the Terminal Flag and Subsystem Flag Bits in the
Status Word, and the Transmitter Timeout, Subsystem Handshake, and Loop Test Fail Bits in the BIT
Word.
Synchronize Mode Commands
Once the RT has validated the command word and checked for the correct address, the SYNC line is set
low. The signal WC4 will be set low for a Synchronize mode command, and high for a Synchronize with
data word mode command (See Figure 9). In a Synchronize with data word mode command, SYNC
remains low during the time that the data word is received. Once the data word has been validated, it is
passed to the subsystem on the internal highway IH08-IH715 in two bytes using IUSTB as a strobe signal
and H/L as the byte indicator (high byte first followed by low byte). SYNC being low should be used on the
enable to allow IUSTB to clock synchronize mode data to the subsystem.
If the subsystem does not need to implement either of these mode commands, the SYNC signal can be
ignored, since the RT requires no response from the subsystem.
Transmit Vector Word Mode Command
Figures 8 and 17 illustrates the relevant signal timings for an RT receiving a valid Transmit Vector Word
mode command. The RT requests data by setting VECTEN low. The subsystem should use H/L to enable
first the high byte and then the low byte of the Vector word onto the internal highway IH08-IH715.
It should be noted that the RT expects the Vector word contents to be already prepared in a latch ready for
enabling onto the internal highway when VECTEN goes low. If the subsystem has not been designed to
handle the Vector word mode command, it will be the fault of the Bus Controller if the RT receives such a
command. Since the subsystem is not required to acknowledge the mode command, the RT will not be
affected in any way by Vector word circuitry not being implemented in the subsystem. It will however
transmit a data word as the Vector word, but this word will have no meaning.
Reset Mode Command
Figure 7 shows the relevant signal timings for an RT receiving a valid reset mode command. Once the
command word has been fully validated and serviced, the RESET signal is pulsed low. This signal may be
used as a reset function for subsystem interface circuitry.
Dynamic Bus Allocation
This mode command is intended for use with a terminal which has the capability of configuring itself into a
bus controller on command from the bus. The line DBCREQ (See Figure 7) cannot go true unless the
DBCACC line was true at the time of the valid command, i.e. tied low. For terminals acting only as RTs, the
signal DBCACC should be tied high (inactive), and the signal DBCREQ should be ignored and left
unconnected.
Use of the Busy Status Bit
The Busy Bit is used by the subsystem to indicate that it is not ready to handle data transfers either to or
from the RT.
The RT sets the bit to logic one if the BUSY line from the subsystem is active low at the time of the second
falling edge of INCLK after INCMD goes low. This is shown in Figures 14 and 20. Once the Busy bit is set,
the RT will stop all receive and transmit data word transfers to and from the subsystem. The data transfers
in the Synchronize with data word and Transmit Vector word mode commands are not affected by the Busy
bit and will take place even if it has been set.
It should be noted that a minimum of 0.5 µs subaddress decoding time is given to the subsystem before
setting of status bits. This allows the subsystem to selectively set the Busy bit if for instance one


Similar Part No. - ACT3492

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT30 ACTIVE-SEMI-ACT30 Datasheet
265Kb / 10P
   High Performance Off-Line Controller ActiveSwitcher??IC Family
Rev 5, 05-Jun-09
logo
Advanced Crystal Techno...
ACT3000 ACT-ACT3000 Datasheet
158Kb / 2P
   TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
10/08/04
ACT303K ACT-ACT303K Datasheet
59Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACT303K/303.875/TO39 ACT-ACT303K/303.875/TO39 Datasheet
59Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
logo
Active-Semi, Inc
ACT30AHT ACTIVE-SEMI-ACT30AHT Datasheet
265Kb / 10P
   High Performance Off-Line Controller ActiveSwitcher??IC Family
Rev 5, 05-Jun-09
More results

Similar Description - ACT3492

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
   CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
   1553B Bus Controller/Remote Terminal
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
List of Unclassifed Man...
UT1553B ETC1-UT1553B Datasheet
1Mb / 52P
   BCRT Bus Controller/Remote Terminal/Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com