Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7004-7 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7004-7
Description  7 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7004-7 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7004-7 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7004-7 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7004-7 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To
18 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
N Male
Connector 2
N Female
Body Material and Plating
Passivated Stainless Steel
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
7
Maximum Input Power, Watts
2
Frequency 1
Range, GHz
DC to 4
VSWR
1.15:1
Attenuation Accuracy, dB
± 0.5
Frequency 2
Range, GHz
4 to 8
VSWR
1.2:1
Attenuation Accuracy, dB
± 0.5
Frequency 3
Range, GHz
8 to 12.4
VSWR
1.25:1
Attenuation Accuracy, dB
± 0.5
Frequency 4
Range, GHz
12.4 to 18
VSWR
1.35:1
Attenuation Accuracy, dB
± 0.5
Mechanical Specifications
Size
Length, in [mm]
1.765 [44.83]
Width, in [mm]
0.8 [20.32]
.
Connector 1
Type
N Male
Connector Specification
MIL-STD-348
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts
Up To 18 GHz PE7004-7
PE7004-7
PE7004-7 REV
7 dB Fixed Attenuator, N Male To N Female Passivated
Stainless Steel Body Rated To 2 Watts Up To 18 GHz


Similar Part No. - PE7004-7

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7004-7 PASTERNACK-PE7004-7 Datasheet
240Kb / 4P
   7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-7 PASTERNACK-PE7004-7_16 Datasheet
240Kb / 4P
   7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
More results

Similar Description - PE7004-7

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7004-2 PASTERNACK-PE7004-2 Datasheet
247Kb / 3P
   2 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7004-1 PASTERNACK-PE7004-1 Datasheet
247Kb / 3P
   1 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7004-3 PASTERNACK-PE7004-3 Datasheet
247Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7004-10 PASTERNACK-PE7004-10 Datasheet
248Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7004-30 PASTERNACK-PE7004-30 Datasheet
248Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7004-8 PASTERNACK-PE7004-8 Datasheet
247Kb / 3P
   8 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7004-12 PASTERNACK-PE7004-12 Datasheet
248Kb / 3P
   12 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7004-20 PASTERNACK-PE7004-20 Datasheet
248Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7004-40 PASTERNACK-PE7004-40 Datasheet
248Kb / 3P
   40 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7047-7 PASTERNACK-PE7047-7 Datasheet
219Kb / 3P
   7 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com