Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE51127 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51127
Description  High Performance Vertical Omni Antenna 5250-5850 MHz, 6.0dBi
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51127 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51127 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51127
High Performance
Vertical Omni
Antenna
5250-5850 MHz,
6.0dBi
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
All specifications "typical"
www.pasternack.com
1 of 1
Ordering Information
Part Number
Description
PE51127
High Performance Broadband vertical antenna, 11 inches with spring base, and black radome,
N Male, 5250-5850 MHz, 6 dBi
Product Features
Broad Band Coverage
Collinear Dipole Design
5250-5850 MHz
50W power handling
6.0 dBi Omni Radiation Pattern
Rugged Construction Low Glare Flat Black Polyurethane Radome
Heavy Duty Spring Base
Specifications (1)
Parameter
Value
Units
Description
Minimum Frequency
5250
MHz
Maximum Frequency
5850
MHz
Impedance
50
Ohms
Gain
6.0
dBi
Max Gain
Horizontal Beamwidth
360
Degrees
Vertical Beamwidth
30
Degrees
Polarization
Vertical
Max Input Pwr
50
Watts
Watts(Max)
Maximum VSWR
<2:1
ratio
Between Min and Max Freq
Length
11.0
Inches
Diameter
.812
Inches
Weight
4.4
oz
Connector Type
N(m)
Type N Male
Maximum Wind Velocity
100
Km/Hr


Similar Part No. - PE51127

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51120 PASTERNACK-PE51120 Datasheet
86Kb / 1P
   High Performance Vertical Omni Antenna 1700-1850 MHz, 3.5dBi
PE51121 PASTERNACK-PE51121 Datasheet
134Kb / 1P
   High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51122 PASTERNACK-PE51122 Datasheet
414Kb / 1P
   High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51123 PASTERNACK-PE51123 Datasheet
371Kb / 1P
   High Performance Vertical Omni Antenna 2200-2500 MHz, 6 dBi
PE51124 PASTERNACK-PE51124 Datasheet
382Kb / 1P
   High Performance Vertical Omni Antenna 2200-2500 MHz, 6 dBi
More results

Similar Description - PE51127

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51126 PASTERNACK-PE51126 Datasheet
66Kb / 1P
   High Performance Vertical Omni Antenna 5250-5850 MHz, 3.8dBi
PE51125 PASTERNACK-PE51125 Datasheet
381Kb / 1P
   High Performance Vertical Omni Antenna 5250-5850 MHz 3.8 dBi
PE51128 PASTERNACK-PE51128 Datasheet
70Kb / 1P
   High Performance Vertical Omni Antenna 5250-5850 MHz, 6 dBi
PE51135 PASTERNACK-PE51135 Datasheet
81Kb / 1P
   High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
PE51134 PASTERNACK-PE51134 Datasheet
294Kb / 1P
   High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
PE51035 PASTERNACK-PE51035 Datasheet
275Kb / 1P
   Vertical Omni Antenna 5470-5850 MHz 8.0 dBi
PE51040 PASTERNACK-PE51040 Datasheet
83Kb / 1P
   Vertical Omni Antenna 5470-5850 MHz, 12 dBi
PE51036 PASTERNACK-PE51036 Datasheet
66Kb / 1P
   Vertical Omni Antenna 5470-5850 MHz, 10.0 dBi
PE51039 PASTERNACK-PE51039 Datasheet
66Kb / 1P
   Vertical Omni Antenna 5470-5850 MHz, 10 dBi
PE51117 PASTERNACK-PE51117 Datasheet
65Kb / 1P
   High Performance Vertical Omni Antenna 1700-2500 MHz, 2.0dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com