Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L6405MC-20G Datasheet(PDF) 9 Page - Macronix International

Part # MX25L6405MC-20G
Description  64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L6405MC-20G Datasheet(HTML) 9 Page - Macronix International

Back Button MX25L6405MC-20G Datasheet HTML 5Page - Macronix International MX25L6405MC-20G Datasheet HTML 6Page - Macronix International MX25L6405MC-20G Datasheet HTML 7Page - Macronix International MX25L6405MC-20G Datasheet HTML 8Page - Macronix International MX25L6405MC-20G Datasheet HTML 9Page - Macronix International MX25L6405MC-20G Datasheet HTML 10Page - Macronix International MX25L6405MC-20G Datasheet HTML 11Page - Macronix International MX25L6405MC-20G Datasheet HTML 12Page - Macronix International MX25L6405MC-20G Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9
P/N: PM1107
REV.1.3, NOV. 06, 2006
MX25L6405
Sector
Address Range
47
2F0000h
2FFFFFh
46
2E0000h
2EFFFFh
45
2D0000h
2DFFFFh
44
2C0000h
2CFFFFh
43
2B0000h
2BFFFFh
42
2A0000h
2AFFFFh
41
290000h
29FFFFh
40
280000h
28FFFFh
39
270000h
27FFFFh
38
260000h
26FFFFh
37
250000h
25FFFFh
36
240000h
24FFFFh
35
230000h
23FFFFh
34
220000h
22FFFFh
33
210000h
21FFFFh
32
200000h
20FFFFh
31
1F0000h
1FFFFFh
30
1E0000h
1EFFFFh
29
1D0000h
1DFFFFh
28
1C0000h
1CFFFFh
27
1B0000h
1BFFFFh
26
1A0000h
1AFFFFh
25
190000h
19FFFFh
24
180000h
18FFFFh
23
170000h
17FFFFh
22
160000h
16FFFFh
21
150000h
15FFFFh
20
140000h
14FFFFh
19
130000h
13FFFFh
18
120000h
12FFFFh
17
110000h
11FFFFh
16
100000h
10FFFFh
15
0F0000h
0FFFFFh
14
0E0000h
0EFFFFh
13
0D0000h
0DFFFFh
12
0C0000h
0CFFFFh
11
0B0000h
0BFFFFh
10
0A0000h
0AFFFFh
9
090000h
09FFFFh
8
080000h
08FFFFh
7
070000h
07FFFFh
Sector
Address Range
6
060000h
06FFFFh
5
050000h
05FFFFh
4
040000h
04FFFFh
3
030000h
03FFFFh
2
020000h
02FFFFh
1
010000h
01FFFFh
0
000000h
00FFFFh


Similar Part No. - MX25L6405MC-20G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6405D MCNIX-MX25L6405D Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6405DMI-12G MCNIX-MX25L6405DMI-12G Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6405DZNI-12G MCNIX-MX25L6405DZNI-12G Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results

Similar Description - MX25L6405MC-20G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3205A MCNIX-MX25L3205A Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L1605ZM MCNIX-MX25L1605ZM Datasheet
406Kb / 44P
   16M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205 MCNIX-MX25L3205 Datasheet
481Kb / 45P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L6402A MCNIX-MX25L6402A Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402 MCNIX-MX25L6402 Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6408E MCNIX-MX25L6408E Datasheet
925Kb / 49P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6439E MCNIX-MX25L6439E Datasheet
1Mb / 90P
   64M-BIT [x 1 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6473E MCNIX-MX25L6473E Datasheet
1Mb / 86P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com