Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE51061 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51061
Description  Vertical Omni Antenna 2400-2500, 8.0 dBi
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51061 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51061 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51061
Vertical Omni
Antenna
2400-2500, 8.0 dBi
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
All specifications "typical"
www.pasternack.com
1 of 1
Product Features
2400 MHz
50W power handling
High Gain, 8dBi Omni Radiation Pattern
Rugged Fiberglass Radome
Specifications (1)
Parameter
Value
Units
Description
Minimum Frequency
2400
MHz
Maximum Frequency
2500
MHz
Impedance
50
Ohms
Gain
8
dBi
Max Gain
Horiz Beamwidth
360
Deg
Vert Beamwidth
15
Deg
Polarization
Vert
Vertical Polarization
Max Input Pwr
50
W
Watts( CW Max)
Maximum VSWR
<2.0
ratio
Between Min and Max Freq
Length
500
mm
20 Inches
Diameter
19
mm
.75 Inches
Mast Diameter
30-50
mm
Mast Mounting Info
Weight
.36
Kg
.8 Lbs
Connector Type
N(f)
N-Type Female
Ordering Information
Part Number
Description
PE51061
2400-2500 MHz 8dBi Gain Omni Antenna with N-female connector


Similar Part No. - PE51061

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
   Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51062 PASTERNACK-PE51062 Datasheet
59Kb / 1P
   Mini Vertical Antenna 2300 MHz, 3 dBi
PE51063 PASTERNACK-PE51063 Datasheet
59Kb / 1P
   Mini Dipole Vertical Antenna 2400 MHz, 3 dBi
PE51064 PASTERNACK-PE51064 Datasheet
59Kb / 1P
   Mini Vertical Antenna 2500 MHz, 3 dBi
PE51065 PASTERNACK-PE51065 Datasheet
59Kb / 1P
   Mini Vertical Antenna 3500 MHz, 3 dBi
More results

Similar Description - PE51061

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51029 PASTERNACK-PE51029 Datasheet
276Kb / 1P
   Vertical Omni Antenna 2400 - 2483 MHz 8.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
   Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
   Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
   Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
   Mini Vertical Antenna 2400-2500 MHz 3 dBi
PE51035 PASTERNACK-PE51035 Datasheet
275Kb / 1P
   Vertical Omni Antenna 5470-5850 MHz 8.0 dBi
PE51123 PASTERNACK-PE51123 Datasheet
371Kb / 1P
   High Performance Vertical Omni Antenna 2200-2500 MHz, 6 dBi
PE51121 PASTERNACK-PE51121 Datasheet
134Kb / 1P
   High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51122 PASTERNACK-PE51122 Datasheet
414Kb / 1P
   High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51124 PASTERNACK-PE51124 Datasheet
382Kb / 1P
   High Performance Vertical Omni Antenna 2200-2500 MHz, 6 dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com