Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGWI06-24S033 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MGWI06-24S033
Description  DC/DC CONVERTER 6W, Ultra compact DIP Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MGWI06-24S033 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MGWI06-24S033 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MGWI06-24S033 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MGWI06-24S033 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MGWI06-24S033 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MGWI06 SERIES
DC/DC CONVERTER 6W, DIP Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/11/22 REV:6
Page 3 of 4
®
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules;
however, they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Other input and output voltage may be available, please contact factory.
7
Specifications subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
Remote On/Off
Remote On/Off
2
-Vin
-Vin
6
NC
Common
8
NC
-Vout
9
+Vout
+Vout
11
-Vout
Common
16
+Vin
+Vin
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size
:
21.6x20.3x10.2 mm (0.85x0.8x0.4 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight
:
9.1g
21.6 [0.85]
2.54
[0.10]
10.16 [0.40]
12.7 [0.50]
Bottom View
5.08
1
68
11
9
16
2
[0.20]
1.9
[0.08]
0.50 [0.02]


Similar Part No. - MGWI06-24S033

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MGWI06-24S033 MINMAX-MGWI06-24S033 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
logo
Total Power Internation...
MGWI06-24S033 TOTAL-POWER-MGWI06-24S033 Datasheet
459Kb / 4P
   Ultra compact DIP Package
More results

Similar Description - MGWI06-24S033

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSGWI06 MINMAX-MSGWI06 Datasheet
336Kb / 4P
   DC/DC CONVERTER 6W, Ultra compact SMD Package
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Delta Electronics, Inc.
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DJ06S DELTA-DJ06S Datasheet
210Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com