Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCE-7127G2-00A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCE-7127G2-00A1E
Description  LGA1155 Intel짰 Xeon짰/Core?줶3/Pentium짰 SHB DDR3/SATA 3.0/USB3.0/Dual GbE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCE-7127G2-00A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCE-7127G2-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCE-7127G2-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
PCE-7127
Ordering Information
Part Number
PCH
Memory
Backplane
LAN VGA DVI
COM
SATA II
SATA III USB
2.0
USB
3.0
S/W
Raid
iAMT IPMI
PCE-7127G2-00A1E
C216 ECC/Non-ECC PCE-5BXX/7BXX* 2
Yes
Yes*
2
4
2
9
3
Yes
Yes
Optional
* Note: 1.PCE-7127 supports all Advantech PCE-5BXX/7BXX backplanes except PCE-7B10-04A1E
2. Output DVI-D signal only(Required DVI-D cable:1700008822)
Optional Accessories
Part Number
Description
1960047831N001
PCE-7127 Proprietary CPU Cooler (2U)
PCA-AUDIO-HDA1E
Audio extension module
PCA-TPM-00A1E
Trusted Platform Module compliant TCG 1.2
1700020277-01
2 ports of USB 3.0 cable W/ BKT(30cm)
1700008822
DVI-D Cable
Bracket View
PCE-7127G2-00A1E
Packing List
Part Number
Description
Quantity
1700003194
Serial ATA HDD data cable
x2
1703150102
Serial ATA HDD power cable
x2
1701260305
COM + printer ports cable kit
x1
1700060202
Keyboard and mouse Y-cable
x1
1700008461
4-port USB cable kit
x1
9689000068
Jumper package
x1
2190000902
Warranty Card
x1
2006512700
Startup manual
x1
2066512700
Utility CD
x1
Intel LGA 1155
Sandy / Ivy
Bridge Processors
Channel A
1 PCIe x16
2 PCIe x8
Gen 3.0
DP
600 MB/s
300 MB/s
Connector A & B
TI
SN75DP139
VGA D-Sub
4 USB2.0 on BP
2 SATA 3.0 Ports
4 SATA 2.0 Ports
USB 3.0
3 USB3.0 On-Board
USB 2.0
5 USB2.0 On-Board
300 HD Audio
Interface
PCA-AUDIO-HDA1E
(Optional)
DVI
64 Mbit
BIOS Flash
Super IO
nuvoTon
NCT6776F
PCIe x1
Gen 2.0
G-LAN1 :
Intel 82579LM
Panther Point
Intel C216
Platform Control
Hub
PCIe x1
Gen 2.0
G-LAN2 :
Intel 82574L
2 RS 232
1 LPT
4 PCIe x 1 to
Connector A
Four PCIe x 1
Gen 2.0
(ECC) DDR3 1333/1600
Channel B
(ECC) DDR3 1333/1600
4 PCI Masters to
Connector D
PCI


Similar Part No. - PCE-7127G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-7127G2-00A1E ADVANTECH-PCE-7127G2-00A1E Datasheet
2Mb / 2P
   LGA1155 Intel짰 Xeon짰/Core?줶3/Pentium SHB DDR3/SATA 3.0/USB3.0/Dual GbE
PCE-7127G2-00A1E ADVANTECH-PCE-7127G2-00A1E Datasheet
974Kb / 2P
   LGA1155 Intel짰 Xeon짰/Core?줶3/Pentium짰 SHB DDR3/SATA 3.0/USB3.0/Dual GbE
PCE-7127G2-00A1E ADVANTECH-PCE-7127G2-00A1E Datasheet
702Kb / 2P
   LGA1155 Intel짰 Xeon짰/Core?줶3/ Pentium짰 SHB DDR3/SATA 3.0/USB3.0/ Dual GbE
22-Dec-2015
More results

Similar Description - PCE-7127G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-7127G2-00A1E ADVANTECH-PCE-7127G2-00A1E Datasheet
974Kb / 2P
   LGA1155 Intel짰 Xeon짰/Core?줶3/Pentium짰 SHB DDR3/SATA 3.0/USB3.0/Dual GbE
PCE-7127 ADVANTECH-PCE-7127_V01 Datasheet
702Kb / 2P
   LGA1155 Intel짰 Xeon짰/Core?줶3/ Pentium짰 SHB DDR3/SATA 3.0/USB3.0/ Dual GbE
22-Dec-2015
PCE-7127 ADVANTECH-PCE-7127 Datasheet
2Mb / 2P
   LGA1155 Intel짰 Xeon짰/Core?줶3/Pentium SHB DDR3/SATA 3.0/USB3.0/Dual GbE
PCE-7128G2-00A1E ADVANTECH-PCE-7128G2-00A1E Datasheet
1Mb / 2P
   LGA1150 Intel짰 Xeon짰/Core?줶3/Pentium짰 SHB DDR3/SATA 3.0/USB3.0/Dual GbE /3 Displays
PCE-5127 ADVANTECH-PCE-5127 Datasheet
2Mb / 2P
   LGA1155 Intel짰 Core?줶7/i5/i3 SHB DDR3/SATA 3.0/USB3.0/Dual GbE
PCE-5127G2-00A1E ADVANTECH-PCE-5127G2-00A1E Datasheet
974Kb / 2P
   LGA1155 Intel짰 Core?줶7/i5/i3 SHB DDR3/SATA 3.0/USB3.0/Dual GbE
PCE-5127 ADVANTECH-PCE-5127_13 Datasheet
726Kb / 2P
   LGA1155 Intel짰 Core?줶7/i5/i3 SHB DDR3/SATA 3.0/USB3.0/Dual GbE
PCE-7129G2-00A1E ADVANTECH-PCE-7129G2-00A1E Datasheet
1Mb / 2P
   LGA1151 6th Generation Intel짰 Xeon짰/Core?줶3/Pentium짰 SHB DDR4/SATA 3.0/USB3.0/M.2/Dual GbE /3 Displays
PCE-5128G2-00A1E ADVANTECH-PCE-5128G2-00A1E Datasheet
1Mb / 2P
   LGA1150 Intel짰 Core?줶7/i5/i3/Pentium짰 SHB DDR3/SATA 3.0/USB3.0/Dual GbE/3 Displays
PCE-5026 ADVANTECH-PCE-5026 Datasheet
682Kb / 2P
   LGA1155 Intel짰 Core??i7/i5/i3 SHB DDR3/SATA 2.0/Single GbE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com