Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02-06-5130 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 02-06-5130
Description  1.57mm Diameter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

02-06-5130 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  02-06-5130 Datasheet HTML 1Page - Molex Electronics Ltd. 02-06-5130 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/27/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
02-06-5130
Status:
Active
Overview:
Standard .062"
Description:
1.57mm Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855,
Female, with 0.38µm Gold (Au) Plated Brass Contact, 24-30 AWG, Reel
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
1855
Application
Power
Crimp Quality Equipment
Yes
Overview
Standard .062"
Product Name
Standard .062"
Physical
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Nickel
Packaging Type
Reel
Plating min - Mating
0.381µm
Plating min - Termination
0.762µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.02-2.29mm
Wire Size AWG
24, 26, 28, 30
Wire Size mm²
N/A
Material Info
Old Part Number
1855-(P550)
Reference - Drawing Numbers
Sales Drawing
SD-1855-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1855Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator
0638914100
Hand Crimper -
DISTRIBUTION
ONLY
0638111000
Manual Extraction
Tool
0011030002
Terminator Die
0011402006
Japan
Description
Product #
Hand Insertion Tool 0011020001


Similar Part No. - 02-06-5130

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-06-5130 MOLEX1-02-06-5130 Datasheet
143Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855, Female, with 0.38關m (15關") Gold (Au) Plated Brass Contact, 24-30 AWG, Reel
02-06-5130 MOLEX1-02-06-5130 Datasheet
145Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855, Female, with 0.38關m (15關") Gold (Au) Plated Brass Contact, 24-30 AWG, Bag
02-06-5130 MOLEX2-02-06-5130 Datasheet
106Kb / 1P
   CRIMP TERMINAL, FEMALE (1.57)/.062 DIA., BRASS FOR 24 THRU 30 GA. WIRE
More results

Similar Description - 02-06-5130

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-06-1103 MOLEX5-02-06-1103 Datasheet
39Kb / 2P
   1.57mm Diameter
02-06-2103 MOLEX5-02-06-2103 Datasheet
39Kb / 2P
   1.57mm Diameter
02-06-6103 MOLEX5-02-06-6103 Datasheet
39Kb / 2P
   1.57mm Diameter
02-06-6130 MOLEX5-02-06-6130 Datasheet
39Kb / 2P
   1.57mm Diameter
02-06-2132 MOLEX5-02-06-2132 Datasheet
38Kb / 1P
   1.57mm Diameter
02-06-6100 MOLEX5-02-06-6100 Datasheet
40Kb / 2P
   1.57mm Diameter
02-06-1101 MOLEX5-02-06-1101 Datasheet
40Kb / 2P
   1.57mm Diameter
02-06-1132 MOLEX5-02-06-1132 Datasheet
38Kb / 1P
   1.57mm Diameter
03-06-2121 MOLEX1-03-06-2121 Datasheet
38Kb / 2P
   1.57mm Diameter Standard
03-06-2152 MOLEX1-03-06-2152 Datasheet
38Kb / 1P
   1.57mm Diameter Standard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com