Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02-06-1201 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 02-06-1201
Description  TERMINAL FOR USE WHITH 1.57/0.62 DIA. SERIES HOUSINGS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

02-06-1201 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  02-06-1201 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 02-06-1201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-06-1101 MOLEX1-02-06-1101 Datasheet
144Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, 18-24 AWG, Reel
02-06-1101 MOLEX5-02-06-1101 Datasheet
40Kb / 2P
   1.57mm Diameter
logo
MolexKits
02-06-1103 MOLEXKITS-02-06-1103 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 24 Circuit
02-06-1103 MOLEXKITS-02-06-1103 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 36 Circuit
02-06-1103 MOLEXKITS-02-06-1103 Datasheet
39Kb / 3P
   .062" Power Connector Kit Panel Mount Plug and Receptacle, with Extraction and Universal Crimp Tool, 5A 250V
More results

Similar Description - 02-06-1201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-06-2011-P MOLEX11-03-06-2011-P Datasheet
124Kb / 3P
   PLUG & RECEPTACLE HOUSINGS I CIRCUIT .062/(1.57) DIA. SERIES
03-06-2043-P MOLEX11-03-06-2043-P Datasheet
124Kb / 2P
   PLUG AND RECEPTACLE HOUSINGS, 4 CIRCUIT .062/(1.57) DIA.
03-06-1043-P MOLEX11-03-06-1043-P Datasheet
126Kb / 2P
   PLUG AND RECEPTACLE HOUSINGS, 4 CIRCUIT .062 / (1.57) DIA.
02-06-1131 MOLEX2-02-06-1131 Datasheet
106Kb / 1P
   CRIMP TERMINAL, FEMALE (1.57)/.062 DIA., BRASS FOR 24 THRU 30 GA. WIRE
03-06-1121-V MOLEX11-03-06-1121-V Datasheet
154Kb / 2P
   .062/(1.57) HOUSINGS, PLUG & RECEPTACLE 12 CKT, 145 CENTERS
03-06-1055-V MOLEX11-03-06-1055-V Datasheet
88Kb / 2P
   .062/(1.57) HOUSINGS PLUG & RECEPTACLE 5 CIRCUIT, . 145 / (3.68)
03-06-1032-P MOLEX11-03-06-1032-P Datasheet
165Kb / 2P
   PLUG AND RECEPTACLE HOUSINGS, 3 CIRCUIT, .062 DIA.
03-06-2091-V MOLEX11-03-06-2091-V Datasheet
154Kb / 2P
   .062/(1.57) HOUSINGS PLUG & RECEPTACLE 9 CKT. .145/(3.68) CTRS
6987 MOLEX5-6987 Datasheet
92Kb / 1P
   TERMINAL FOR USE
03-06-1092-V MOLEX11-03-06-1092-V Datasheet
153Kb / 2P
   .062/(1.57) HOUSINGS, PLUG AND RECEPTACLE, 9 CKT., .145(3.68) CTRS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com