Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSAU202 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MSAU202
Description  DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU202 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MSAU202 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU202 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU202 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU202 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSAU200 SERIES
DC/DC CONVERTER 1W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/08/11 REV:6
Page 3 of 4
Package Specifications
Mechanical Dimensions (5V & 12V Input)
Connecting Pin Patterns
Mechanical Dimensions (24V Input)
Pin Connections
Pin
Function
1
-Vin
2
+Vin
3
NA
4
Common
5
-Vout
6
NA
7
+Vout
8
NA
9
NA
10
NA
NA : Not Available for Electrical Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05 (±0.002)
Physical Characteristics
Case Size (5V&12V Input)
:
15.24x8.0x6.8mm (0.60x0.31x0.27 Inches)
Case Size (24V Input)
:
15.24 x8.3x7.8mm (0.60x0.33x0.31 Inches)
Case Material
:
Molding (flammability to UL 94V-0 rated)
Weight (5V&12V Input)
:
1.8g
Weight (24V Input)
:
2.2g
1
23
5
10 9
8
6
9.0 [0.35]
7.4 [0.29]
S SEATING PLANE
( Magnification of A )
15.24 [0.6]
[0.1]
2.54
0.60 [0.02]
4
7
[0.4]
10.16
0.15 S
15.3 [0.6]
0.60 [0.02]
1
23
4
10 9
8
7
[0.1]
2.54
[0.4]
10.16
5
6
9.2 [0.36]
7.0 [0.28]
A
S SEATING PLANE
0.15 S
( Magnification of A )
1.7 [0.07]
10.16 [0.40]
10.8 [0.43]
2.54 [0.10]
1.0 [0.04]


Similar Part No. - MSAU202

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSAU202 TOTAL-POWER-MSAU202 Datasheet
167Kb / 6P
   1 Watts Ultra Miniature SMD DC/DC Converters
logo
Minmax Technology Co., ...
MSAU202 MINMAX-MSAU202 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
logo
Total Power Internation...
MSAU202 TOTAL-POWER-MSAU202 Datasheet
409Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSAU202

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSAU300 MINMAX-MSAU300_11 Datasheet
266Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU100 MINMAX-MSAU100_11 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU200 MINMAX-MAU200_13 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MSLU300 MINMAX-MSLU300_11 Datasheet
271Kb / 4P
   DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
MFU100 MINMAX-MFU100_12 Datasheet
254Kb / 4P
   DC/DC CONVERTER 1W Miniature DIP-Package with Industry Standard Pinout
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
   DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
   DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
MSIW1000 MINMAX-MSIW1000_12 Datasheet
282Kb / 4P
   DC/DC CONVERTER 3W, SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com