Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJWI20-24S033 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # MJWI20-24S033
Description  DC/DC CONVERTER 20W, Highest Power Density
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI20-24S033 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  MJWI20-24S033 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI20-24S033 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI20-24S033 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI20-24S033 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI20-24S033 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI20-24S033 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI20-24S033 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI20-24S033 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI20-24S033 Datasheet HTML 9Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MJWI20 SERIES
DC/DC CONVERTER 20W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/07/16 REV:12
Page 5 of 9
®
Efficiency Curve @25
MJWI20-24S033 Efficiency vs Load Current
MJWI20-24S05 Efficiency vs Load Current
MJWI20-24S12 Efficiency vs Load Current
MJWI20-24S15 Efficiency vs Load Current
MJWI20-24D12 Efficiency vs Load Current
MJWI20-24D15 Efficiency vs Load Current
MJWI20-48S033 Efficiency vs Load Current
MJWI20-48S05 Efficiency vs Load Current
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V


Similar Part No. - MJWI20-24S033

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MJWI20-24S033 TOTAL-POWER-MJWI20-24S033 Datasheet
576Kb / 9P
   Smallest Encapsulated 20W Converter
More results

Similar Description - MJWI20-24S033

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com