Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW2524 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MKW2524
Description  DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW2524 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MKW2524 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW2524 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW2524 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW2524 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW2524 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MKW2500 SERIES
DC/DC CONVERTER 15W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/09/27 REV:3
Page 3 of 5
®
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+80
Case Temperature
---
+100
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Power Derating Curve
Derating Curve without Heatsink
Derating Curve with Heatsink
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Other input and output voltage may be available, please contact factory.
7
To order the converter with Remote On/Off function, add suffix RC (e.g. MKW2521-RC) to order code.
8
To order the converter with input filter meeting EN55022, Class A , add suffix A (e.g. MKW2521A) to order code.
9
To order the converter with heatsink, add suffix H (e.g. MKW2521H) to order code.
10
Specifications subject to change without notice.


Similar Part No. - MKW2524

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW2524 TOTAL-POWER-MKW2524 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW2524 MINMAX-MKW2524 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MKW2524 TOTAL-POWER-MKW2524 Datasheet
439Kb / 5P
   Wide 2:1 Input Range
MKW2524A TOTAL-POWER-MKW2524A Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
More results

Similar Description - MKW2524

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000_12 Datasheet
357Kb / 5P
   DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
MPW1000 MINMAX-MPW1000_12 Datasheet
314Kb / 6P
   DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
MKW2600 MINMAX-MKW2600_13 Datasheet
3Mb / 4P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW1000 MINMAX-MKW1000_12 Datasheet
287Kb / 4P
   DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW3000 MINMAX-MKW3000_12 Datasheet
938Kb / 5P
   DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW2000 MINMAX-MKW2000 Datasheet
331Kb / 4P
   DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
logo
PEAK electronics GmbH
PHM1 PEAK-PHM1 Datasheet
43Kb / 1P
   DIN RAIL Module PHM1-Vx for DC/DC Converter up to 1?쓝 2?
logo
ORION FANS
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
logo
PEAK electronics GmbH
PHM2 PEAK-PHM2 Datasheet
40Kb / 1P
   DIN RAIL Module PHM2-Vx for DC/DC Converter up to 2?쓝 2?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com