Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW1025 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MKW1025
Description  DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW1025 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MKW1025 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW1025 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW1025 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW1025 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MKW1000 SERIES
DC/DC CONVERTER 10W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/09 REV:1
Page 1 of 4
®
FEATURES
2”x 1”x 0.4” Metal Package
Wide 2:1 Input Range
Operating Temp. Range –40°C to +85°C
Short Circuit Protection
I/O-isolation 1500 VDC
Input Filter to meet EN55022,class A
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MKW1000 series is a range of isolated 10W DC/DC converter modules featuring fully regulated output voltages and wide 2:1 input voltage
ranges.The product comes in a 2”x 1”x 0.4” metal package with industry standard pinout. An excellent efficiency allows an operating temperature range
of –40° to +85°C (with derating).
Typical applications for these converters are in battery operated equipment and instrumentation, distributed power systems, data communication and
general industrial electronics.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
MKW1021
3.3
2400
120
917
72
MKW1022
5
2000
100
1082
77
MKW1023
12
830
42
1038
80
MKW1024
15
670
34
1047
80
MKW1025
24
416
21
1027
2200
81
MKW1026
±5
±1000
±50
1068
78
MKW1027
±12
±416
±21
1027
81
MKW1028
12
(9 ~ 18)
±15
±333
±17
1041
30
50
470#
80
MKW1031
3.3
2400
120
434
76
MKW1032
5
2000
100
534
78
MKW1033
12
830
42
506
82
MKW1034
15
670
34
511
82
MKW1035
24
416
21
501
2200
83
MKW1036
±5
±1000
±50
521
80
MKW1037
±12
±416
±21
507
82
MKW1038
24
(18 ~ 36)
±15
±333
±17
507
20
25
470#
82
MKW1041
3.3
2400
120
217
76
MKW1042
5
2000
100
260
80
MKW1043
12
830
42
253
82
MKW1044
15
670
34
252
83
MKW1045
24
416
21
251
2200
83
MKW1046
±5
±1000
±50
257
81
MKW1047
±12
±416
±21
251
83
MKW1048
48
(36 ~ 75)
±15
±333
±17
251
10
12
470#
83
# For each output


Similar Part No. - MKW1025

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW1025 TOTAL-POWER-MKW1025 Datasheet
263Kb / 8P
   10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Minmax Technology Co., ...
MKW1025 MINMAX-MKW1025 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MKW1025 TOTAL-POWER-MKW1025 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
More results

Similar Description - MKW1025

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW3000 MINMAX-MKW3000_12 Datasheet
938Kb / 5P
   DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW2600 MINMAX-MKW2600_13 Datasheet
3Mb / 4P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW2000 MINMAX-MKW2000 Datasheet
331Kb / 4P
   DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW2500 MINMAX-MKW2500_11 Datasheet
316Kb / 5P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
MKW5000 MINMAX-MKW5000_12 Datasheet
357Kb / 5P
   DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
MPW1000 MINMAX-MPW1000_12 Datasheet
314Kb / 6P
   DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com