Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW5031 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MKW5031
Description  DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW5031 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MKW5031 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW5031 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW5031 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW5031 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW5031 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MKW5000 SERIES
DC/DC CONVERTER 30W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/08/08 REV:4
Page 2 of 5
®
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
At 50% Load and Nominal Vin
---
---
±1.0
%Vnom.
Line Regulation
Vin=Min. to Max.
---
±0.1
±0.3
%
Load Regulation (2.5/3.3/5/5.1Vout)
Io=0% to 100%
---
±0.5
±1.0
%
Load Regulation (12/15Vout)
Io=10% to 100%
---
±0.5
±1.0
%
Ripple & Noise (20MHz)
---
75
100
mV P-P
Transient Recovery Time
---
200
500
μsec
Transient Response Deviation
25% Load Step Change
---
±2
±4
%
Temperature Coefficient
---
±0.01
±0.02
%/
Over Load Protection
Foldback
110
155
---
%
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
1200
1500
pF
Switching Frequency
280
350
400
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
600,000
---
---
Hours
Safety Approvals
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-scheme)
Input Fuse
24V Input Models
48V Input Models
3000mA Slow-Blow Type
1500mA Slow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
2.5 to 100VDC or Open Circuit
Converter Off
-1V ~ 1V or Short Circuit
Control Input Current (on)
Vctrl = 5.0V
---
---
5
μA
Control Input Current (off)
Vctrl = 0V
---
---
-100
μA
Control Common
Referenced to Negative Input
Standby Input Current
Nominal Vin
---
2
5
mA
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range (See Power Derating Curve)
Natural Convection
-40
+85
Case Temperature
---
+105
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
30
40
60
80
90
70
50
100
110
Natural
Convection
20LFM
100LFM
200LFM
400LFM
C
Derating Curve without Heatsink
Derating Curve with Heatsink


Similar Part No. - MKW5031

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW5031 TOTAL-POWER-MKW5031 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW5031 MINMAX-MKW5031 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
MKW5031 MINMAX-MKW5031 Datasheet
447Kb / 6P
   DC/DC CONVERTER 30W
logo
Total Power Internation...
MKW5031 TOTAL-POWER-MKW5031 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
More results

Similar Description - MKW5031

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MPW1000 MINMAX-MPW1000_12 Datasheet
314Kb / 6P
   DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
MKW2500 MINMAX-MKW2500_11 Datasheet
316Kb / 5P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
MKW1000 MINMAX-MKW1000_12 Datasheet
287Kb / 4P
   DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW3000 MINMAX-MKW3000_12 Datasheet
938Kb / 5P
   DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW2600 MINMAX-MKW2600_13 Datasheet
3Mb / 4P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW2000 MINMAX-MKW2000 Datasheet
331Kb / 4P
   DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
logo
PEAK electronics GmbH
PHM1 PEAK-PHM1 Datasheet
43Kb / 1P
   DIN RAIL Module PHM1-Vx for DC/DC Converter up to 1?쓝 2?
logo
ORION FANS
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
logo
Mean Well Enterprises C...
SKM30-N MEANWELL-SKM30-N Datasheet
147Kb / 7P
   30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com