Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIW1012 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MIW1012
Description  DC/DC CONVERTER 2-3W, DIP-24 Plastic Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW1012 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MIW1012 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW1012 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW1012 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW1012 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MIW1000 SERIES
DC/DC CONVERTER 2-3W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/09 REV:2
Page 3 of 4
®
Power Derating Curve
~
]
Ambient Temperature
0
20
40
60
80
100
-25
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 50% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules;
however they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Other input and output voltage may be available, please contact factory.
7
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
8
Specifications subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size
:
31.8x20.3x10.2mm (1.25x0.80x0.40 Inches)
Case Material
:
Non-Conductive Black Plastic
Weight
:
12.4g
Bottom View
2
23
15.24 [0.60]
31.8[1.25]
0.50 [0.02]
5.08
[0.20]
22
3
11
9
16
14
4.5
[0.18]
2.54
[0.10]


Similar Part No. - MIW1012

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW1012 TOTAL-POWER-MIW1012 Datasheet
162Kb / 4P
   MIW1000 SERIES 2-3 WATT INPUT RANGE DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
logo
Minmax Technology Co., ...
MIW1012 MINMAX-MIW1012 Datasheet
238Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results

Similar Description - MIW1012

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_12 Datasheet
288Kb / 5P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package
MIW2300 MINMAX-MIW2300_11 Datasheet
281Kb / 4P
   DC/DC CONVERTER 3W, DIP-24 Metal Package
MIAR03 MINMAX-MIAR03 Datasheet
756Kb / 4P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package Cost optimized Design
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com