Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIW1100 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIW1100
Description  DC/DC CONVERTER 3W, DIP-24 Plastic Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW1100 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIW1100_12 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW1100_12 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW1100_12 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW1100_12 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW1100_12 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MIW1100 SERIES
DC/DC CONVERTER 3W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/09 REV:3
Page 1 of 5
®
FEATURES
DIP-24 Plastic Package
31.8 x 20.3 x 10.2 mm (1.25 x 0.8 x 0.4 inches)
Wide 2:1 & 3:1 Input Range
Operating Temp. Range –40°C to +85°C
Short Circuit Protection
I/O-isolation 1500 VDC
Input Filter meets EN55022,class A and FCC, level A
Cost optimized Design
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MIW1100 series is a range of isolated 3W DC/DC converter modules featuring fully regulated output voltages and wide input voltage ranges.
The product comes in a DIP-24 plastic package with standard pinout. An excellent efficiency allows an operating temperature range of –40°C to +85°C.
The product features an input filter meeting EN 55022,class A and FCC, level A.
These DC/DC converters offer an economical solution for many cost critical applications in battery-powered equipment and instrumentation.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
MIW1111
5
600
60
857
70
MIW1112
12
250
25
811
74
MIW1113
15
200
20
811
2000
74
MIW1114
±12
±125
±12.5
811
74
MIW1115
5
(4.5 ~ 9)
±15
±100
±10
811
40
100
1000#
74
MIW1121
5
600
60
329
76
MIW1122
12
250
25
313
80
MIW1123
15
200
20
313
2000
80
MIW1124
±12
±125
±12.5
313
80
MIW1125
12
(9 ~ 18)
±15
±100
±10
313
20
30
1000#
80
MIW1131
5
600
60
162
77
MIW1132
12
250
25
154
81
MIW1133
15
200
20
154
2000
81
MIW1134
±12
±125
±12.5
154
81
MIW1135
24
(18 ~ 36)
±15
±100
±10
154
5
15
1000#
81
MIW1141
5
600
60
81
77
MIW1142
12
250
25
77
81
MIW1143
15
200
20
77
2000
81
MIW1144
±12
±125
±12.5
77
81
MIW1145
48
(36 ~ 75)
±15
±100
±10
77
3
10
1000#
81
MIW1151
5
600
60
188
80
MIW1152
12
250
25
188
80
MIW1153
15
200
20
188
4000
80
MIW1154
±12
±125
±12.5
188
80
MIW1155
20
(10 ~ 30)
±15
±100
±10
188
5
20
470#
80
# For each output


Similar Part No. - MIW1100_12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
More results

Similar Description - MIW1100_12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1000 MINMAX-MIW1000_12 Datasheet
290Kb / 4P
   DC/DC CONVERTER 2-3W, DIP-24 Plastic Package
MIW2300 MINMAX-MIW2300_11 Datasheet
281Kb / 4P
   DC/DC CONVERTER 3W, DIP-24 Metal Package
MIAR03 MINMAX-MIAR03 Datasheet
756Kb / 4P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package Cost optimized Design
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com