Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE91052 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE91052
Description  Precision SMA Male to Mini SMP Male Adapter Full Detent
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91052 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE91052 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91052 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91052 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2012 Pasternack Enterprises All Rights Reserved
PE91052 REV
Precision SMA Male to Mini SMP Male Adapter Full Detent
PE91052 CAD Drawing


Similar Part No. - PE91052

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9105 PASTERNACK-PE9105 Datasheet
257Kb / 3P
   SMA Male to N Female 4 Hole Panel Adapter
PE91050 PASTERNACK-PE91050 Datasheet
452Kb / 3P
   Precision SMA Female to SMP Male Adapter Limited Detent
PE91051 PASTERNACK-PE91051 Datasheet
452Kb / 3P
   Precision SMA Female to Mini SMP Female Adapter
PE91054 PASTERNACK-PE91054 Datasheet
456Kb / 3P
   Precision SMA Female to SMP Male Bulkhead Adapter Full Detent
PE91055 PASTERNACK-PE91055 Datasheet
458Kb / 3P
   Precision 2.4mm Female to SMP Female Adapter
More results

Similar Description - PE91052

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91063 PASTERNACK-PE91063 Datasheet
453Kb / 3P
   Precision SMA Male to SMP Male Adapter Full Detent
PE91302 PASTERNACK-PE91302 Datasheet
330Kb / 3P
   SMA Male to Mini SMP Male Full Detent Adapter
PE91309 PASTERNACK-PE91309 Datasheet
327Kb / 3P
   SMA Male to SMP Male Full Detent Adapter
PE91056 PASTERNACK-PE91056 Datasheet
447Kb / 3P
   Precision SMA Female to SMP Male Adapter Full Detent
PE91129 PASTERNACK-PE91129 Datasheet
376Kb / 3P
   SMA Female to Mini SMP Male Adapter Full Detent
PE91299 PASTERNACK-PE91299 Datasheet
355Kb / 3P
   SMA Female to Mini SMP Male Full Detent Adapter
PE91124 PASTERNACK-PE91124 Datasheet
377Kb / 3P
   2.92mm Male to Mini SMP Male Adapter Full Detent
PE91054 PASTERNACK-PE91054 Datasheet
456Kb / 3P
   Precision SMA Female to SMP Male Bulkhead Adapter Full Detent
PE91121 PASTERNACK-PE91121 Datasheet
375Kb / 3P
   2.4mm Male to Mini SMP Male Adapter Full Detent
PE91305 PASTERNACK-PE91305 Datasheet
325Kb / 3P
   SMA Female to SMP Male Full Detent Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com