Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

01C2001SFC3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 01C2001SFC3
Description  NTC Thermistors, Radial Leaded and Coated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

01C2001SFC3 Datasheet(HTML) 2 Page - Vishay Siliconix

  01C2001SFC3 Datasheet HTML 1Page - Vishay Siliconix 01C2001SFC3 Datasheet HTML 2Page - Vishay Siliconix 01C2001SFC3 Datasheet HTML 3Page - Vishay Siliconix 01C2001SFC3 Datasheet HTML 4Page - Vishay Siliconix 01C2001SFC3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 33003
For technical questions, contact: thermistor1@vishay.com
www.vishay.com
Revision: 12-Nov-09
105
M, C, T
NTC Thermistors, Radial Leaded and Coated
Vishay Dale
SELECTION GUIDE FOR TYPE M, C, AND T THERMISTORS
R25
(
Ω)
CURVE NUMBER
12347
89
12
14
17
27
MAXIMUM BODY DIAMETER
33
••
50
•••
0.125 [3.2]
56
•••
68
•••
••
0.110 [2.8]
82
••
•••
100
••
•••
•••
0.095 [2.4]
120
••
•••
150
•••
•••
180
•••
•••
220
•••
•••
270
•••
330
•••
390
••
•••
DISSIPATION CONSTANT
470
••
•••
500
••
•••
2 mW/°C to 3 mW/°C
560
••
•••
680
•••
820
•••
1K
•••
THERMAL TIME CONSTANT
1.2K
•••
1.5K
•••
6 s to 14 s
1.8K
•••
2.2K
•••
2.7K
••
•••
3.3K
••
•••
3.9K
•••
4.7K
•••
Notes
5K
•••
5.6K
•••
1. Intermediate resistance values between
the standard value series are available.
Size would be the same as the color
grouping.
6.8K
•••
8.2K
•••
10K
•••
••
••
12K
•••
••
••
15K
•••
••
•••
•••
2. Other body diameter available. Bead
diameter increases as Res. decreases.
(consult factory)
18K
•••
••
•••
•••
22K
••
•••
•••
27K
••
•••
•••
33K
•••
••
•••
•••
3. Leaded series of thermistors includes
additional styles: (consult factory)
39K
•••
••
••
•••
•••
47K
•••
••
•••
•••
•••
50K
•••
••
•••
•••
•••
Type B: 26AWG Lead, 0.0159 [0.40]
Type F: 32AWG Lead, 0.008 [0.20]
Type E: 24AWG Lead, 0.020 [0.51]
Type D: 22AWG Lead, 0.025 [0.64]
Type G: 20AWG Lead, 0.032 [0.81]
Type H: 18AWG Lead, 0.040 [1.02]
56K
•••
•••
•••
•••
68K
•••
•••
•••
82K
•••
•••
•••
100K
•••
•••
•••
120K
•••
•••
150K
•••
•••
180K
•••
•••
220K
•••
•••
270K
•••
330K
390K
••
470K
••
500K
•••
560K
•••
680K
•••
820K
•••
1M
•••


Similar Part No. - 01C2001SFC3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
01C2001SFC3 VISHAY-01C2001SFC3 Datasheet
96Kb / 4P
   NTC Thermistors,Coated
Revision 22-Sep-04
01C2001SFC3 VISHAY-01C2001SFC3 Datasheet
96Kb / 5P
   NTC Thermistors, Radial Leaded and Coateds
01-Jan-2022
More results

Similar Description - 01C2001SFC3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
07C5002JF VISHAY-07C5002JF Datasheet
91Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 24-Sep-15
TMC VISHAY-TMC_V01 Datasheet
96Kb / 5P
   NTC Thermistors, Radial Leaded and Coateds
01-Jan-2022
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
NTCLE100E3153JB0 VISHAY-NTCLE100E3153JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 26-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com