Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZF-60S36 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # AZF-60S36
Description  AC/DC Power Module 60W Fully encapsulated Plastic Case
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AZF-60S36 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  AZF-60S36 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AZF-60S36 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AZF-60S36 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AZF-60S36 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AZF-60 SERIES
AC/DC POWER MODULE 60W
Minmax Technology Co., Ltd.
18, Sin Sin Road, An-Ping Industrial District, Tainan 702, Taiwan
Tel: 886-6-2923150
Fax: 886-6-2923149
E-mail: sales@minmax.com.tw
2013/02/25 REV:11 Page 4 of 4
Package Specifications with DIN Rail Mounting Bracket (ordercodeAC-DIN-02)
Mechanical Dimensions
Physical Characteristics
Case Size
: 112.0x67.8x38.0mm (4.41x2.67x1.50 inches)
Case Material
: Plastic resin + Fiberglass (flammability to UL94V-0 rated)
Weight
: 410g
DIN-Rail Mounting Kit
Top View
1
2
3
4
5
6
7
4x
3.5
100.0 [3.94]
112.0 [4.41]
90.0 [3.54]
11.0 [0.43]
Indication LED
POWER
"GOOD"INDICATOR
DC-
ON


Similar Part No. - AZF-60S36

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AZF-60S36 MINMAX-AZF-60S36 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S36 MINMAX-AZF-60S36 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S36 MINMAX-AZF-60S36 Datasheet
369Kb / 4P
   AC/DC Power Module 60W
More results

Similar Description - AZF-60S36

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15_12 Datasheet
329Kb / 5P
   AC/DC Power Module 15W Fully encapsulated Plastic Case
AQF-30 MINMAX-AQF-30_12 Datasheet
315Kb / 5P
   AC/DC Power Module 30W Fully encapsulated Plastic Case
AHF-10 MINMAX-AHF-10_11 Datasheet
251Kb / 3P
   AC/DC Power Module 10W Fully encapsulated Plastic Case
logo
Arch Electronics Corp.
ANCA_SERIES ARCH-ANCA_SERIES Datasheet
407Kb / 5P
   Fully Encapsulated Plastic Case
AFC_SERIES ARCH-AFC_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AFC-E1_SERIES ARCH-AFC-E1_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AIC_SERIES ARCH-AIC_SERIES Datasheet
150Kb / 2P
   Fully Encapsulated Plastic Case
ATC_SERIES ARCH-ATC_SERIES Datasheet
463Kb / 5P
   Fully Encapsulated Plastic Case
AOCH_SERIES ARCH-AOCH_SERIES Datasheet
217Kb / 3P
   Fully Encapsulated Plastic Case
APC-E1_SERIES ARCH-APC-E1_SERIES Datasheet
449Kb / 5P
   Fully Encapsulated Plastic Case
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com