Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEW1027 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MEW1027
Description  DC/DC CONVERTER 2W High Power Density in SIP-9 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MEW1027 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MEW1027 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MEW1027 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MEW1027 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MEW1027 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MEW1000 SERIES
DC/DC CONVERTER 2W, SIP-Package
18, Sin Sin Road, An-Ping Industrial District, Tainan 702, Taiwan
Tel: 886-6-2923150
Fax: 886-6-2923149
E-mail: sales@minmax.com.tw
2013/02/04 REV:7 Page 4 of 4
®
Minmax Technology Co., Ltd.
Test Setup
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor Lin (4.7µH) and Cin (220µF, ESR < 1.0 at 100 KHz) to simulate source impedance. Capacitor Cin, offsets
possible battery impedance.
Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz.
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
Battery
+
Lin
+
Cin
To Oscilloscope
Current
Probe
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47µF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load
between 50 mm and 75 mm from the DC/DC Converter.
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Copper Strip
+Out
-Out
+Vin
-Vin
Dual Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Com.
Scope
Cout
Copper Strip
Copper Strip
Technical Notes
Remote On/Off
Negative logic remote on/off turns the module off during a logic high voltage on the remote on/off pin, and on during a logic low. To turn the power module on and off,
the user must supply a switch to control the voltage between the on/off terminal and the -Vin terminal. The switch can be an open collector or equivalent.
Alogic high is 2.9V to 15V. Alogic low is under 0.6 VDC or open circuit, drops down to 0VDC by 2mV/℃. The maximum sink current at on/off terminal during a
logic low is 1 mA. The maximum allowable leakage current of the switch at on/off terminal =(under 0.6VDC or open circuit) is 1mA.
Maximum Capacitive Load
The MEW1000 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up,
affecting the ramp-up and the startup time. The maximum capacitance can be found in the data sheet.
Overcurrent Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current limiting for an unlimited
duration.At the point of current-limit inception, the unit shifts from voltage control to current control. The unit operates normally once the output current is brought back
into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor on the input to insure startup.
By using a good quality low Equivalent Series Resistance (ESR < 1.0 at 100 kHz) capacitor of a 1.5µF for the 24V and 48V devices, capacitor mounted close to the
power module helps ensure stability of the unit.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Output Ripple Reduction
Agood quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is
recommended to use 3.3µF capacitors at the output.
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Single Output
DC / DC
Converter
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Com.
Dual Output
DC / DC
Converter
Load
Cout
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the
maximum temperature rating of the components inside the power module, the case temperature must be kept below 90℃. The derating curves are determined
from measurements obtained in a test setup.
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in


Similar Part No. - MEW1027

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MEW1027 MINMAX-MEW1027 Datasheet
187Kb / 8P
   2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MEW1027 TOTAL-POWER-MEW1027 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
More results

Similar Description - MEW1027

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MCW1000 MINMAX-MCW1000 Datasheet
603Kb / 4P
   DC/DC CONVERTER 2W High Power Density in SIP-8 Package
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_16 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
MCW1000 MINMAX-MCW1000_16 Datasheet
565Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
logo
Mean Well Enterprises C...
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com