Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKWI50-24S24 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MKWI50-24S24
Description  DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKWI50-24S24 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MKWI50-24S24 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKWI50-24S24 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKWI50-24S24 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKWI50-24S24 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKWI50-24S24 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKWI50-24S24 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKWI50-24S24 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKWI50-24S24 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MKWI50 SERIES
DC/DC CONVERTER 50W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/25 P4
Page 1 of 8
®
FEATURES
Smallest encapsulated 50W Converter
Package Size 2.0”x 1.0”x 0.4”
Ultra-Wide 4:1 lnput Range
Excellent Efficiency up to 92%
Output Current Up To 10A
I/O-isolation Voltage 1500VDC
Under- Voltage Shutdown
Over Load and Over Voltage Protection
Shielded Metal Case with Isolated Baseplate
CSA/UL/IEC/EN 60950-1 (Approval pending)
Heatsink (Optional)
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MKWI50 series is the latest generation of high performance dc-dc converter modules setting a new standard concerning power density. The
product offers fully 50W in an encapsulated, shielded metal package with dimensions of just 2.0”x1.0”x0.4”.All models provide ultra-wide 4:1 input voltage
range and precisely regulated output voltages.
A very high efficiency up to 92% which allows an operating temperature range of -40°C to +80°C is achieved by advanced circuit topology . Further features
include remote On/Off, trimmable output voltage, under-voltage shutdown as well as overload and over-temperature protection.
Typical applications for these converters are battery operated equipment, instrumentation, distributed power architectures in communication and industrial
electronics and many other space critical applications.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
@Max. Load
@No Load
Reflected
Ripple
Current
Over
Voltage
Protection
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA(typ.)
mA(typ.)
mA(typ.)
VDC
μF
%
MKWI50-24S033
3.3
10000
1528
80
3.9
26000
90
MKWI50-24S05
5
10000
2290
60
6.2
17000
91
MKWI50-24S12
12
4170
2267
80
15
3000
92
MKWI50-24S15
15
3330
2263
80
18
2000
92
MKWI50-24S24
24
( 9 ~ 36 )
24
2080
2286
80
40
30
750
91
MKWI50-48S033
3.3
10000
764
40
3.9
26000
90
MKWI50-48S05
5
10000
1145
30
6.2
17000
91
MKWI50-48S12
12
4170
1134
60
15
3000
92
MKWI50-48S15
15
3330
1134
60
18
2000
92
MKWI50-48S24
48
( 18 ~ 75 )
24
2080
1143
50
30
30
750
91
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (100ms. max)
48V Input Models
-0.7
---
100
24V Input Models
---
---
9
Start-Up Threshold Voltage
48V Input Models
---
---
18
24V Input Models
---
7.5
---
Under Voltage Lockout
48V Input Models
---
16
---
VDC
Input Polarity Protection
None
Power Up
---
---
30
ms
Start Up Time
Remote On/Off
Nominal Vin and Constant Resistive Load
---
---
30
ms
Internal Filter Type
All Models
LC Filter (for EN55022,Class A compliance see Page 6)
Short Circuit Current
--- (Hiccup Mode 0.3 Hz typ.)


Similar Part No. - MKWI50-24S24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKWI50-24S24 TOTAL-POWER-MKWI50-24S24 Datasheet
526Kb / 8P
   Smallest encapsulated 50W Converter
More results

Similar Description - MKWI50-24S24

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
logo
Total Power Internation...
MKW50 TOTAL-POWER-MKW50 Datasheet
593Kb / 9P
   Smallest Encapsulated 50W Converter
MKWI50 TOTAL-POWER-MKWI50 Datasheet
526Kb / 8P
   Smallest encapsulated 50W Converter
logo
Chinfa Electronics Ind....
SDD50-0434A CHINFA-SDD50-0434A Datasheet
178Kb / 2P
   DC - DC CONVERTER 50W
logo
Wall Industries,Inc.
SP24S12-50 WALL-SP24S12-50 Datasheet
257Kb / 7P
   50W DC-DC Converter
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50 Datasheet
382Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD50DRL ASTRODYNE-SD50DRL Datasheet
1Mb / 3P
   50W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-50_1109 MEANWELL-SD-50_1109 Datasheet
386Kb / 2P
   50W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com