Electronic Components Datasheet Search |
|
MSCW01-48S15 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd. |
|
MSCW01-48S15 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd. |
3 / 4 page MSCW01 SERIES DC/DC CONVERTER 1W, SMD Package E-mail:sales@minmax.com.tw Tel:886-6-2923150 2012/10/17 REV:0 Page 3 of 4 ® Power Derating Curve Notes 1 Specifications typical at Ta=+25 ℃, resistive load, nominal input voltage, rated output current unless otherwise noted. 2 Ripple & Noise measurement bandwidth is 0-20 MHz. 3 All DC/DC converters should be externally fused at the front end for protection. 4 Other input and output voltage may be available, please contact factory. 5 That “natural convection” is about 20LFM but is not equal to still air (0 LFM). 6 Specifications are subject to change without notice. Package Specifications Mechanical Dimensions Connecting Pin Patterns ► All dimensions in mm (inches) ► Tolerance: X.X±0.5 (X.XX±0.02) X.XX±0.25 ( X.XXX±0.01) ► Pins ±0.05(±0.002) Pin Connections Physical Characteristics Pin Single Output Dual Output Case Size : 18.9x13.7x8.45mm (0.74x0.54x0.33 inches) 1 -Vin -Vin 2 Remote On/Off Remote On/Off Case Material : Non-Conductive Black Plastic (flammability to UL 94V-0 rated) 6 NC Common 7 NC -Vout Pin Material : Phosphor bronze 8 +Vout +Vout 9 -Vout Common Weight : 4.5g 14 +Vin +Vin NC: No Connection 1 7 6 14 8 9 2 1.00 [0.04] 18.9 [0.74] 12.7 [0.5] [0.1] 2.54 1.8 [0.1] S SEATING PLANE 0.15 S 1.1 [0.04] 15.0 [0.6] 18.1 [0.71] 15.2 [0.60] 2.54 [0.10] 2.54 [0.10] 1.6 [0.06] 2.1 [0.08] |
Similar Part No. - MSCW01-48S15 |
|
Similar Description - MSCW01-48S15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |