Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKF-15S15 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # AKF-15S15
Description  AC/DC Power Module 15W Fully encapsulated Plastic Case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AKF-15S15 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  AKF-15S15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AKF-15S15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AKF-15S15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AKF-15S15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. AKF-15S15 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AKF-15 SERIES
AC/DC POWER MODULE 15W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/11/14 REV:19
Page 3 of 5
Notes
1
All Specifications typical at Ta=+25
℃, resistive load, 115VAC, 60Hz input voltage and after warm-up time rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0~20 MHz
3
These power modules require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage the power
supplies however they may not meet all listed specifications.
4
Other input and output voltage may be available, please contact factory.
5
To order the module with chassis mount package, please add a suffix C (e.g. AKF-15S05C).
6
To order the module with UL508 safety, please add a suffix ICE (e.g. AKF-15S05ICE).
7
Part number for DIN-Rail mounting bracket: AC-DIN-01
8
Specifications are subject to change without notice
Package Specifications PCB Mounting
Mechanical Dimensions
Pin Connections
Pin
Single
Dual
(D12,D15)
Dual
(D512)
Triple
1
AC(N) – AC Neutral
2
AC(L) – AC Line
3
No Pin
-Vout3
4
-Vout
-Vout
-Vout2
Common
5
No Pin
Common
+Vout2
+Vout2
6
+Vout
+Vout
-Vout1
-Vout1
7
No Pin
+Vout1
+Vout1
All dimensions in mm (inches)
Tolerance: ±0.5 (±0.02)
Pin diameter 1.0 ±0.1 (0.04±0.004)
Physical Characteristics
Case Size
:
74.0x54.0x19.5mm (2.91x2.13x0.77 inches)
Case Material
:
Plastic resin + Fiberglass (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
174g
Bottom View
39.8 [1.57]
20.32 [0.80]
54.0 [2.13]
Mounting M4.0 Thread
7.1
[0.28]
7.1
[0.28]
8.89
[0.35]
11.43
[0.45]
19.5 [0.77]
0.7 [0.03]
76
5
43
6.0 [0.24]
1
2
8.89
[0.35]
11.43
[0.45]


Similar Part No. - AKF-15S15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15S15 MINMAX-AKF-15S15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AKF-15S15 MINMAX-AKF-15S15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AKF-15S15 MINMAX-AKF-15S15 Datasheet
435Kb / 5P
   AC/DC Power Module 15W
More results

Similar Description - AKF-15S15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30_12 Datasheet
315Kb / 5P
   AC/DC Power Module 30W Fully encapsulated Plastic Case
AZF-60 MINMAX-AZF-60_13 Datasheet
2Mb / 4P
   AC/DC Power Module 60W Fully encapsulated Plastic Case
AHF-10 MINMAX-AHF-10_11 Datasheet
251Kb / 3P
   AC/DC Power Module 10W Fully encapsulated Plastic Case
logo
Arch Electronics Corp.
ANCA_SERIES ARCH-ANCA_SERIES Datasheet
407Kb / 5P
   Fully Encapsulated Plastic Case
AFC_SERIES ARCH-AFC_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AFC-E1_SERIES ARCH-AFC-E1_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AIC_SERIES ARCH-AIC_SERIES Datasheet
150Kb / 2P
   Fully Encapsulated Plastic Case
ATC_SERIES ARCH-ATC_SERIES Datasheet
463Kb / 5P
   Fully Encapsulated Plastic Case
AOCH_SERIES ARCH-AOCH_SERIES Datasheet
217Kb / 3P
   Fully Encapsulated Plastic Case
APC-E1_SERIES ARCH-APC-E1_SERIES Datasheet
449Kb / 5P
   Fully Encapsulated Plastic Case
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com