Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-6782N-S6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCA-6782N-S6A1E
Description  Intel짰 Atom N455/D525 ISA Half-size SBC with VGA/LVDS/GbE LAN/SATA/COM/CFC/ FDD and PC/104
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCA-6782N-S6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCA-6782N-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCA-6782N-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slot SBC & Passive Backplanes
Features
PCA-6782
Intel® Atom N455/D525 ISA Half-size SBC
with VGA/LVDS/GbE LAN/SATA/COM/CFC/
FDD and PC/104
ƒ Ultra low power, fanless N455 CPU and maximum 2 GB DDR2 667 memory
(Only for N SKU)
ƒ Dual core high performance D525 CPU and maximum 2 GB DDR2 667/800
memory (Only for D SKU)
ƒ VGA/LVDS dual video outputs
ƒ Optional module for 4 x RS-485 w/auto-flow control
ƒ Supports embedded software APIs and utilities
Specifications
Processor System
CPU
Intel Atom N455
Intel Atom D525
Speed
1.66 GHz
1.8 GHz
L2 Cache
512 KB
1 MB
Chipset
Intel ICH8M
BIOS
AMI 16Mb SPI Flash
Bus
PCI
N/A
ISA
16-bit/Gold Finger
Memory
Technology
Single channel DDR2 667 MHz
Single channel DDR2 667/800 MHz
Max. Cap.
max 2 GB SODIMM
max 2 GB SODIMM
Socket
200-pin DIMM x 1
200-pin DIMM x 1
Graphics
On board
Embedded Gen3.5+ GFX Core technology, Direct X 9/Pixel Shader 2.0 compliant
VRAM
Shared 224 MB
Video Interface
15-pin VGA D-sub connector x1/Onboard LVDS pin header x 1 (supports single channel 18-bit LVDS)
Video Output
VGA: Supports up to SXGA 1400 x 1050 @ 60 Hz for N SKU, up to 2048 x 1536 @ 60 Hz for D SKU
LVDS: Supports 18-bit single channel and up to WXGA 1366 x 768 or 1280 x 800 for both N and D SKUs
Dual Display: VGA + LVDS, support extended mode and clone mode for both N and D SKUs
Ethernet
Interface
10/100/1000 Mbps
Controller
LAN1: Intel 82567V
Connector
RJ45 with LED Connector x1
SATA 2
Max. Transfer Rate
300 MB/s
Channel
3
EIDE
Mode
ATA 100/66/33
Channel
1 (Supports up to 2 IDE devices)
I/O Interface
USB 2.0
8 ports on the SHB
Serial
Two RS-232 onboard pin-headers, plus four ports of RS-485 with auto-flow control by module
(optional, Advantech P/N: PCA-COM485-00A1E)
Parallel
1 (EPP/ECP)
GPIO
1 (8-bit)
FDD
1
PS/2
1 (for mouse and keyboard, a Y cable is included in the package)
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable, 1~255 sec/min
Miscellaneous
Audio Output
Intel High Definition audio interface (requires an audio extension module, P/N: PCA-AUDIO-HDA1E)
Power Requirement
Test Equipment
Atom D525 CPU 1.8 GHz; Memory: One of 2 GB DDR2 667 MHz SODIMM; Storage: One SATA HDD
Test Program
Hot CPU pro 4.22
Voltage
+12 V
+5 V
+3.3 V
+5 VSB
-12 V
-5 V
Total
Current
0.46 A
2.41 A
0 A
0.01 A
0 A
0 A
17.62 W
Test Equipment
Atom N455 CPU 1.66 GHz; Memory: One of 2 GB DDR2 667 MHz SODIMM; Storage: One SATA HDD
Test Program
Hot CPU pro 4.22
Voltage
+12 V
+5 V
+3.3 V
+5 VSB
-12 V
-5 V
Total
Current
0.13 A
2.19 A
0 A
0.01 A
0 A
0 A
12.56 W
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F)
(Operational humidity: 40° C @ 85% RH
Non-Condensing)
-40 ~ 85° C and 60° C @ 95% RH Non-Condensing
Physical
Dimensions
185 mm (L) x 122 mm (W) (7.3" x 4.8")
Backlight
On/Off
Watchdog
GPIO
H/W MonitorBrightness
Flash Lock
Monitoring
eSOS
(Requires BIOS Customization)
BIOS flash
Embedded
Security ID
Utilities:
Software APIs:
CPU Speed System
Throttling
SATA1
SATA3 JWDT1 CMOS1 JIR1
SATA2
IDE1 GPIO1
LPT1 USB3
USB1
USB4
VGA1
LAN1
COM2
COM1
KBMS1
USB2
FDD
JOBS1
KBMS2
PC1
12V1
ATX1
ATXF1
JCASE1
SYSFAN1
HDAUD1
CPUFAN1
JLVDS1
LVDS1
JVBR1
INV1
JFP1
All product specifications are subject to change without notice
Last updated : 20-Jun-2012


Similar Part No. - PCA-6782N-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6781 ADVANTECH-PCA-6781 Datasheet
1Mb / 2P
   ISA Half-sized SBC, ULV Celeron짰 M, VGA/LVDS/LAN/CFC/USB 2.0
PCA-6781LV-M0A1E ADVANTECH-PCA-6781LV-M0A1E Datasheet
1Mb / 2P
   ISA Half-sized SBC, ULV Celeron짰 M, VGA/LVDS/LAN/CFC/USB 2.0
PCA-6781VE-M0A1E ADVANTECH-PCA-6781VE-M0A1E Datasheet
1Mb / 2P
   ISA Half-sized SBC, ULV Celeron짰 M, VGA/LVDS/LAN/CFC/USB 2.0
PCA-6781VE-S0A1E ADVANTECH-PCA-6781VE-S0A1E Datasheet
1Mb / 2P
   ISA Half-sized SBC, ULV Celeron짰 M, VGA/LVDS/LAN/CFC/USB 2.0
More results

Similar Description - PCA-6782N-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6012 ADVANTECH-PCA-6012 Datasheet
2Mb / 2P
   Intel짰 Atom??N455/D525 SBC with VGA/Dual GbE LAN
PCA-6013VG-00A1E ADVANTECH-PCA-6013VG-00A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N455/D525 SBC with VGA/Dual GbE LAN
PCM-3363 ADVANTECH-PCM-3363 Datasheet
718Kb / 2P
   Intel짰 Atom??N455/D525 PCI-104,SBC, VGA, LVDS, Ethernet, USB,COM, SATA, Onboard Memory
PCA-6743VE-Q0A2E ADVANTECH-PCA-6743VE-Q0A2E Datasheet
538Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL or LVDS/ LAN/ USB/ PC/104/ CFC/ COM
PCA-6743 ADVANTECH-PCA-6743 Datasheet
368Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL/ LAN/ USB/ PC/104/ CFC/ COM
PCA-6743F-L0A2E ADVANTECH-PCA-6743F-L0A2E Datasheet
538Kb / 2P
   DM&P Vortex86DX ISA Half-size SBC with VGA/ TTL or LVDS/ LAN/ USB/ PC/104/ CFC/ COM
PCA-6742VE-00A1E ADVANTECH-PCA-6742VE-00A1E Datasheet
2Mb / 2P
   Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
PCA-6742 ADVANTECH-PCA-6742_11 Datasheet
2Mb / 2P
   Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
PCI-7030 ADVANTECH-PCI-7030_11 Datasheet
1Mb / 2P
   Intel짰 Atom??N270 PCI Half-size SBC with Dual GbE LAN/LVDS/DVI/SATA/6 COM
PCI-7030 ADVANTECH-PCI-7030 Datasheet
354Kb / 2P
   Intel짰 ATOM N270, PCI Half-size SBC with Dual GbE LAN/LVDS/DVI/SATA/6 COM
24-Mar-2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com