Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW3031 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MKW3031
Description  DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW3031 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MKW3031 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW3031 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW3031 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW3031 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW3031 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MKW3000 SERIES
DC/DC CONVERTER 20W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/08/28 REV:5
Page 2 of 5
®
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
12V Input Models
8.6
8.8
9
24V Input Models
17
17.5
18
Start-Up Threshold Voltage
48V Input Models
34
35
36
12V Input Models
8.1
8.3
8.5
24V Input Models
16
16.5
17
Under Voltage Shutdown
48V Input Models
32
33
34
VDC
Reverse Polarity Input Current
---
---
2
A
Short Circuit Input Power
---
---
3500
mW
Internal Power Dissipation
---
---
4500
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
At 50% Load and Nominal Vin
---
---
±1.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.1
±0.3
%
Load Regulation (3.3Vout)
Io=10% to 100%
---
±0.5
±1.0
%
Load Regulation
Io=10% to 100%
---
±0.1
±0.5
%
Ripple & Noise (20MHz)
---
55
80
mV P-P
Transient Recovery Time
---
150
300
µS
Transient Response Deviation
25% Load Step Change
---
±2
±4
%
Temperature Coefficient
---
±0.01
±0.02
%/
Over Load Protection
Foldback
110
TBD
160
%
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
M
I/O Isolation Capacitance
100KHz, 1V
---
1200
1500
pF
Switching Frequency
290
330
360
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
800,000
---
---
Hours
Safety Approvals
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-scheme)
Input Fuse
12V Input Models
24V Input Models
48V Input Models
4000mA Slow-Blow Type
2000mA Slow-Blow Type
1000mA Slow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
2.5V ~ 100V or Open Circuit
Converter Off
0V ~ 1V or Short Circuit
Control Input Current (on)
Vctrl = 5.0V
---
---
5
µA
Control Input Current (off)
Vctrl = 0V
---
---
-100
µA
Control Common
Referenced to Negative Input
Standby Input Current
Nominal Vin
---
2
5
mA


Similar Part No. - MKW3031

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW3031 TOTAL-POWER-MKW3031 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW3031 MINMAX-MKW3031 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MKW3031 TOTAL-POWER-MKW3031 Datasheet
758Kb / 5P
   Wide 2:1 Input Range
More results

Similar Description - MKW3031

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000_12 Datasheet
287Kb / 4P
   DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW2600 MINMAX-MKW2600_13 Datasheet
3Mb / 4P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW2000 MINMAX-MKW2000 Datasheet
331Kb / 4P
   DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW2500 MINMAX-MKW2500_11 Datasheet
316Kb / 5P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
MKW5000 MINMAX-MKW5000_12 Datasheet
357Kb / 5P
   DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
MPW1000 MINMAX-MPW1000_12 Datasheet
314Kb / 6P
   DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com