Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW2625 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MKW2625
Description  DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW2625 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MKW2625 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW2625 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW2625 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW2625 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MKW2600 SERIES
DC/DC CONVERTER 15W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/02/18 REV:4 Page 1 of 4
®
FEATURES
2”x 1”x 0.4” Metal Package
Ultra-wide 4:1 Input Range
High Efficiency up to 86%
Operating Temp. Range –40°C to +80°C
Short Circuit Protection
I/O-isolation 1500VDC
Input Filter meets EN 55022,class A and FCC, level A (Option)
Remote On/Off (Option)
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MKW2600 series is a range of isolated 15W DC/DC converter modules featuring fully regulated output voltages and ultra-wide 4:1 input
voltage ranges. The product comes in a 2”x 1”x 0.4” metal package with industry standard pinout. An excellent efficiency allows an operating temperature
range of –40°C to +80°C.They feature as option input filter to meet EN 55022,class A and remote On/Off .
Typical applications for these converters are battery operated equipment and instrumentation, distributed power systems, data communication and general
industrial electronics.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
µF
%
MKW2621
3.3
3000
300
528
78
MKW2622
5
3000
300
762
82
MKW2629
5.1
3000
300
787
81
MKW2623
12
1250
125
726
85
MKW2624
15
1000
100
726
470
86
MKW2625
±5
±1500
±150
771
81
MKW2626
±12
±625
±62.5
726
85
MKW2627
24
(9 ~ 36)
±15
±500
±50
726
25
40
220#
86
MKW2631
3.3
3000
300
264
78
MKW2632
5
3000
300
381
82
MKW2639
5.1
3000
300
393
81
MKW2633
12
1250
125
363
85
MKW2634
15
1000
100
363
470
86
MKW2635
±5
±1500
±150
386
81
MKW2636
±12
±625
±62.5
363
85
MKW2637
48
(18 ~ 75)
±15
±500
±50
363
15
30
220#
86
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
8
8.5
9
Start-Up Threshold Voltage
48V Input Models
15
17
18
24V Input Models
7
8
8.5
Under Voltage Shutdown
48V Input Models
13
15
17
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
---
3500
mW
Internal Power Dissipation
---
---
5000
mW
Conducted EMI (with suffix A only)
All Models
Compliance to EN 55022,class A and FCC part 15,class A


Similar Part No. - MKW2625

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2625 MINMAX-MKW2625 Datasheet
240Kb / 8P
   15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MKW2625 TOTAL-POWER-MKW2625 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
More results

Similar Description - MKW2625

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2000 MINMAX-MKW2000 Datasheet
331Kb / 4P
   DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW2500 MINMAX-MKW2500_11 Datasheet
316Kb / 5P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
MKW1000 MINMAX-MKW1000_12 Datasheet
287Kb / 4P
   DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW3000 MINMAX-MKW3000_12 Datasheet
938Kb / 5P
   DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW5000 MINMAX-MKW5000_12 Datasheet
357Kb / 5P
   DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
MPW1000 MINMAX-MPW1000_12 Datasheet
314Kb / 6P
   DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
logo
MicroPower Direct, LLC
I1500RW MPD-I1500RW Datasheet
213Kb / 2P
   Ultra-Miniature 15W Wide 2:1 Input Range DC/DC Converters
logo
Delta Electronics, Inc.
PH02S DELTA-PH02S Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com