Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-6008VG-10A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCA-6008VG-10A1E
Description  Socket 479 Pentium짰 M SBC with VGA/DVI/Dual GbE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCA-6008VG-10A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCA-6008VG-10A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCA-6008VG-10A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slot Single Board Computers
All product specifications are subject to change without notice
Last updated : 23-Feb-2011
Features
PCA-6008
Socket 479 Pentium® M SBC with
VGA/DVI/Dual GbE
ƒ Supports socket 479 Intel® Pentium® M/Celeron® M FSB 533 MHz
processors
ƒ Supports Dual Channel DDR2 533/400 SDRAM up to 2 GB
ƒ Dual Gigabit Ethernet via two PCIe x1 ports
ƒ 6 COM ports, 2 SATA ports, 8 USB ports
ƒ Supports CF socket
Specifications
Processor System
CPU
Intel Pentium M
Celeron M
Celeron M
Celeron M
Max. Speed
2.26 GHz
1.7 GHz
600 MHz onboard
(PCA-6008VG-06A1E
only)
1.0 GHz onboard
(PCA-6008VG-10A1E
only)
L2 Cache
512 KB, 1 MB, 2 MB
512 KB
512 KB
Chipset
Intel 915GME + ICH6M
910GMLE + ICH6M
910GMLE + ICH6M
BIOS
Award 4 Mbit FWH
Front Side Bus
533/400 MHz
400 MHz
400 MHz
Bus
PCI
32-bit/33 MHz PCI
ISA
HISA (ISA High Driver)
Memory
Technology
Dual-channel DDR2 533/400 MHz DIMMs
Max. Capacity
2 GB
Socket
240-pin DIMM x 2
Graphics
Controller
Intel Graphics Media Accelerator 900
VRAM
Shared with system memory up to 128 MB
LVDS
Single channel 18-bit/Dual channel 36-bit LVDS
Video Output
15-pin CRT connector x1/(optional DVI connector)
Ethernet
Interface
10/100/1000 Mbps
Controller
RTL8111B
Connector
RJ-45 with LED connector x 2
EIDE
Mode
ATA 100/66/33
Channel
1 (supports up to 2 IDE devices, master is occupied when a CF card is installed)
SATA (150MB/s)
Ports
2 ports
I/O Interface
USB
8 ports by pin header (USB 2.0/1.1 compliant)
4 ports by pin header (USB 2.0/1.1 compliant)
Serial
5 (RS-232)/1 (RS-232/RS-422/RS-485) with pin
header
1 (RS-232)/1 (RS-232/RS-422/RS-485) with pin
header
Parallel
1 (EPP/ECP/SPP)
FDD
1
PS/2
1 (for mouse and keyboard, Y-cable included)
Watchdog Timer
Output
Interrupt, System reset
Interval
Programmable 1-255 sec/min
Miscellaneous
Audio Output
AC97 audio interface (requires an audio extension module P/N: PCA-AUDIO-00A1E)
Power Requirement
Configuration 1: Pentium M processor 780 (2.26 GHz/27 W) + DDR2 2 GB
+12 V
+5 V
+3.3 V
+5 VSB
-12 V
-5
3.09 A
4.26 A
0 A
0.42 A
0 A
0 A
Configuration 2: Celeron M processor 600 MHz/7 W + DDR2 2 GB
+12 V
+5V
+3.3 V
+5 VSB
-12 V
-5 V
0.56 A
3.66 A
0 A
0.07 A
0 A
0 A
Environment
Temperature
Operating
Non-Operating (Storage)
0 ~ 60° C (32 ~ 140° F) (operation humidity: 40° C @
85% RH Non-Condensing)
-40° C ~ 85° C and 60° C @ 95% RH
Non-Condensing
Physical
Dimensions
338 mm (L) x 122 mm (W) (13.3" x 4.8")


Similar Part No. - PCA-6008VG-10A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6008VG-06A1E ADVANTECH-PCA-6008VG-06A1E Datasheet
355Kb / 2P
   Socket 479 Pentium짰 M/ Celeron짰 M Processor Card with VGA / DVI / Dual GbE LAN
More results

Similar Description - PCA-6008VG-10A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6008 ADVANTECH-PCA-6008 Datasheet
355Kb / 2P
   Socket 479 Pentium짰 M/ Celeron짰 M Processor Card with VGA / DVI / Dual GbE LAN
PCA-6190-A2 ADVANTECH-PCA-6190-A2 Datasheet
299Kb / 1P
   LGA775 Pentium짰 4 SBC with VGA/Dual GbE LAN/DVI
PCM-9381 ADVANTECH-PCM-9381 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, DVI, LAN, USB
AIMB-552 ADVANTECH-AIMB-552_10 Datasheet
1Mb / 3P
   Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
PCA-6011VG-00A1E ADVANTECH-PCA-6011VG-00A1E Datasheet
902Kb / 2P
   LGA775 Intel짰 Core?? Quad SBC with VGA/DVI/Dual GbE LAN
PCA-6011 ADVANTECH-PCA-6011_V01 Datasheet
676Kb / 2P
   LGA775 Intel짰 Core?? Quad SBC with VGA/DVI/Dual GbE LAN
13-SEP-2017
AIMB-552 ADVANTECH-AIMB-552 Datasheet
1Mb / 3P
   Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
21-Oct-2009
PCM-4380 ADVANTECH-PCM-4380 Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
PCM-4381 ADVANTECH-PCM-4381 Datasheet
378Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ 2 LVDS/ Dual Giga LAN
PCA-6028VG-00A1E ADVANTECH-PCA-6028VG-00A1E Datasheet
1Mb / 2P
   LGA1150 Intel짰 Core??i7/i5/i3/Pentium SBC with VGA/DVI/Dual GbE LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com