Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-610BP-00XFCE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IPC-610BP-00XFCE
Description  Classic 4U 15-Slot Rackmount Chassis
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-610BP-00XFCE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IPC-610BP-00XFCE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-610BP-00XFCE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
IPC-610-F
Optional Accessories
Part Number
Description
2130006190S000
Fan filter 120 x 100 x 15 mm
IDT-3120E
Mobile rack for converting a 3.5" drive bay to dual
2.5" SATA HDD trays
IDT-5230E
Mobile rack for converting dual 5.25" drive bays to three
3.5" SAS/SATA HDD trays
Ordering Information
Part Number
Power Supply
Backplane Version
IPC-610BP-00XFCE
Without power supply, with ATX switch
IPC-610BP-30FDE
PS8-300ATX-ZBE
Motherboard Version
IPC-610MB-00XFCE
Without power supply, with ATX switch
IPC-610MB-30FDE
PS8-300ATX-ZBE
Power Supply Options
(For detailed power supply specs, please refer to Chapter 6)
Part Number
Specifications
Watts
Input
PS8-300ATX-ZBE (ATX, PFC)
300 W
AC 100 ~ 240 V (full range)
PS8-400ATX-ZE (ATX, PFC)
400 W
AC 100 ~ 240 V (full range)
PS-300ATX-DC48E (ATX)
300 W
DC-48 V
RPS-300ATX-ZE (ATX, PFC)
(1+1 redundant)
300 W
AC 100 ~ 240 V (full range)
101.6
[4.00]
177 [6.97]
552.4 [21.75]
502.4 [19.78]
92
[3.62]
92
[3.62]
70 [2.76]
45 [1.78]
184
[7.24]
498.9 [19.64]
448.9 [17.67]
Dimensions
Unit: mm [inch]


Similar Part No. - IPC-610BP-00XFCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-610BP-00XFCE ADVANTECH-IPC-610BP-00XFCE Datasheet
863Kb / 2P
   4U 15-Slot Rackmount Chassis with ATX Motherboard Option
More results

Similar Description - IPC-610BP-00XFCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-610-F ADVANTECH-IPC-610-F_V01 Datasheet
980Kb / 2P
   Classic 4U 15-Slot Rackmount Chassis
25-Jul-2017
IPC-610-F ADVANTECH-IPC-610-F_15 Datasheet
1Mb / 2P
   Classic 4U 15-Slot Rackmount Chassis
IPC-630 ADVANTECH-IPC-630 Datasheet
577Kb / 2P
   New Generation 4U 15-Slot Rackmount Chassis
13-May-2009
logo
Axiomtek Co., Ltd.
AX6145 AXIOMTEK-AX6145_16 Datasheet
415Kb / 2P
   4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_16 Datasheet
295Kb / 2P
   4U 14-slot Rackmount Chassis
logo
Protech Systems Co., Lt...
PCH-R414 PROTECHSYSTEMS-PCH-R414 Datasheet
643Kb / 1P
   4U 14-slot Rackmount Chassis
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE_16 Datasheet
1,006Kb / 2P
   4U 14-slot Rackmount Chassis
logo
Advantech Co., Ltd.
IPC-623 ADVANTECH-IPC-623_V02 Datasheet
991Kb / 2P
   4U 20-Slot Rackmount Chassis
21-Jun-2021
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE_17 Datasheet
1,005Kb / 2P
   4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_17 Datasheet
294Kb / 2P
   4U 14-slot Rackmount Chassis
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com