Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT60D30LCT Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT60D30LCT
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT60D30LCT Datasheet(HTML) 1 Page - Advanced Power Technology

  APT60D30LCT Datasheet HTML 1Page - Advanced Power Technology APT60D30LCT Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADVANCE
TECHNICAL
INFORMATION
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C
= 90°C, Duty Cycle = 0.5)
RMS Forward Current
Non-Repetitive Forward Surge Current (T
J
= 45°C, 8.3mS)
Operating and StorageTemperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Symbol
V
R
V
RRM
V
RWM
I
F
(AV)
I
F
(RMS)
I
FSM
T
J
,T
STG
T
L
Symbol
V
F
I
RM
C
T
L
S
Characteristic / Test Conditions
I
F
= 60A
Maximum Forward Voltage
I
F
= 120A
I
F
= 60A, T
J
= 150°C
Maximum Reverse Leakage Current
V
R
= V
R
Rated
V
R
= V
R
Rated, T
J
= 125°C
Junction Capacitance, V
R
= 200V
Series Inductance (Lead to Lead 5mm from Base)
STATIC ELECTRICAL CHARACTERISTICS
PRODUCT BENEFITS
Low Losses
Low Noise Switching
Cooler Operation
Higher Reliability Systems
Increased System Power
Density
UNIT
Volts
Amps
°C
UNIT
Volts
µA
pF
nH
MIN
TYP
MAX
1.4
1.4
1.2
250
500
140
10
APT60D30LCT
300
60
60
600
-55 to 150
300
MAXIMUM RATINGS
All Ratings Are Per Leg: TC = 25°C unless otherwise specified.
PRODUCT FEATURES
Ultrafast Recovery Times
Soft Recovery Characteristics
Popular TO-264 Package
Low Forward Voltage
High Blocking Voltage
Low Leakage Current
APT Website - http://www.advancedpower.com
USA
405 S.W. Columbia Street
Bend, Oregon 97702-1035
Phone: (541) 382-8028
FAX: (541) 388-0364
EUROPE
Chemin de Magret
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
APT60D30LCT
300V
60A
1
3
2
1 - Anode 1
2 - Common Cathode
Back of Case - Cathode
3 - Anode 2
TO-264
1
2
3
PRODUCT APPLICATIONS
Parallel Diode
-Switchmode Power Supply
-Inverters
Free Wheeling Diode
-Motor Controllers
-Converters
Snubber Diode
Uninterruptible Power Supply (UPS)
48 Volt Output Rectifiers
High Speed Rectifiers
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES


Similar Part No. - APT60D30LCT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT60D30LCT ADPOW-APT60D30LCT Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT60D30LCTG ADPOW-APT60D30LCTG Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT60D30LCT ADPOW-APT60D30LCT_05 Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT60D30LCT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30D20BCA ADPOW-APT30D20BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D60BHB ADPOW-APT30D60BHB Datasheet
49Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT15D100BCT ADPOW-APT15D100BCT Datasheet
59Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D60BCA ADPOW-APT30D60BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT60D40LCT ADPOW-APT60D40LCT Datasheet
27Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D100BCA ADPOW-APT30D100BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D20HCT ADPOW-APT30D20HCT Datasheet
24Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D40BCT ADPOW-APT30D40BCT Datasheet
59Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT15D100BHB ADPOW-APT15D100BHB Datasheet
58Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT15D60BCA ADPOW-APT15D60BCA Datasheet
34Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT60D100LCT ADPOW-APT60D100LCT Datasheet
62Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com