Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9857-15 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9857-15
Description  STANDARD GAIN HORN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9857-15 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9857-15 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9857-15 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PO Box 16759, Irvine, Ca 92623
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: techsupport@pasternack.com
PE9850 thru PE9864
Standard Gain Horns
Standard Gain Horns
Frequency
(GHz)
Gain
(dB)
3 dB Width
P/N
Size
E-Plane H-Plane
PE9850-10
WR28
26.5 - 40.0
10
54.2°
54.4°
PE9850-15
WR28
26.5 - 40.0
15
32.1°
31.3°
PE9850-20
WR28
26.5 - 40.0
20
16.7°
18.3°
PE9851-10
WR34
22.0 - 33.0
10
54.1°
53.2°
PE9851-15
WR34
22.0 - 33.0
15
23.1°
40.8°
PE9851-20
WR34
22.0 - 33.0
20
17.0°
17.4°
PE9852-10
WR42
18.0 - 26.5
10
58.0°
57.0°
PE9852-15
WR42
18.0 - 26.5
15
31.3°
31.5°
PE9852-20
WR42
18.0 - 26.5
20
17.5°
17.8°
PE9853-10
WR51
15.0 - 22.0
10
55.1°
54.2°
PE9853-15
WR51
15.0 - 22.0
15
32.0°
31.8°
PE9853-20
WR51
15.0 - 22.0
20
16.9°
18.0°
PE9854-10
WR62
12.4 - 18.0
10
55.3°
50.9°
PE9854-15
WR62
12.4 - 18.0
15
30.1°
31.2°
PE9854-20
WR62
12.4 - 18.0
20
18.8°
18.9°
PE9855-10
WR75
10.0 - 15.0
10
50.2°
49.2°
PE9855-15
WR75
10.0 - 15.0
15
35.4°
28.5°
PE9855-20
WR75
10.0 - 15.0
20
16.3°
17.2°
PE9856-10
WR90
8.20 - 12.4
10
48.5°
47.4°
PE9856-15
WR90
8.20 - 12.4
15
29.3°
29.0°
PE9856-20
WR90
8.20 - 12.4
20
16.1°
16.5°
PE9857-10 WR102
7.00 - 11.0
10
55.5°
54.1°
PE9857-15 WR102
7.00 - 11.0
15
29.6°
29.3°
PE9857-20 WR102
7.00 - 11.0
20
17.0°
16.7°
PE9858-10 WR112
7.05 - 10.0
10
56.8°
55.2°
PE9858-15 WR112
7.05 - 10.0
15
32.4°
32.0°
PE9858-20 WR112
7.05 - 10.0
20
19.3°
19.3°
PE9859-10 WR137
5.85 - 8.20
10
55.1°
54.2°
PE9859-15 WR137
5.85 - 8.20
15
33.7°
33.2°
PE9859-20 WR137
5.85 - 8.20
20
18.7°
18.8°
PE9860-10 WR159
4.09 - 7.05
10
59.8°
48.3°
PE9860-15 WR159
4.09 - 7.05
15
31.3°
30.8°
PE9860-20 WR159
4.09 - 7.05
20
14.3°
16.9°
PE9861-10 WR187
3.95 - 5.85
10
55.0°
54.1°
PE9861-15 WR187
3.95 - 5.85
15
33.8°
33.3°
PE9861-20 WR187
3.95 - 5.85
20
18.9°
19.2°
PE9862-10 WR229
3.30 - 4.90
10
58.6°
51.9°
PE9862-15 WR229
3.30 - 4.90
15
32.7°
32.4°
PE9862-20 WR229
3.30 - 4.90
20
17.1°
16.7°
PE9863-10 WR284
2.60 - 3.95
10
50.8°
54.1°
PE9863-15 WR284
2.60 - 3.95
15
31.0°
30.6°
PE9863-20 WR284
2.60 - 3.95
20
17.2°
16.5°
PE9864-10 WR430
1.70 - 2.60
10
64.8°
45.4°
PE9864-15 WR430
1.70 - 2.60
15
33.1°
32.0°
PE9864-20 WR430
1.70 - 2.60
20
17.3°
17.4°
Gain and beamwidth data are typicals.
Additional data, such as calibration data, is provided for an additional fee.


Similar Part No. - PE9857-15

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9857-15 PASTERNACK-PE9857-15 Datasheet
408Kb / 2P
   STANDARD GAIN HORN
More results

Similar Description - PE9857-15

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
650-440-2 ATM-650-440-2 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
logo
Pasternack Enterprises,...
PE9853-15 PASTERNACK-PE9853-15 Datasheet
254Kb / 2P
   STANDARD GAIN HORN
PE9855-10 PASTERNACK-PE9855-10 Datasheet
103Kb / 1P
   STANDARD GAIN HORN
PE9856-20 PASTERNACK-PE9856-20 Datasheet
255Kb / 2P
   STANDARD GAIN HORN
PE9859-10 PASTERNACK-PE9859-10 Datasheet
280Kb / 2P
   STANDARD GAIN HORN
PE9854-20 PASTERNACK-PE9854-20 Datasheet
256Kb / 2P
   STANDARD GAIN HORN
PE9859-15 PASTERNACK-PE9859-15 Datasheet
421Kb / 2P
   STANDARD GAIN HORN
PE9864-10 PASTERNACK-PE9864-10 Datasheet
256Kb / 2P
   STANDARD GAIN HORN
PE9864-20 PASTERNACK-PE9864-20 Datasheet
256Kb / 2P
   STANDARD GAIN HORN
PE9859-20 PASTERNACK-PE9859-20 Datasheet
256Kb / 2P
   STANDARD GAIN HORN
PE9862-10 PASTERNACK-PE9862-10 Datasheet
256Kb / 2P
   STANDARD GAIN HORN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com