Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACP-1010 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ACP-1010
Description  1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-1010 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ACP-1010_12 Datasheet HTML 1Page - Advantech Co., Ltd. ACP-1010_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
ACP-1010/1320
ƒ Space-saving 1U rackmount chassis, ideal building block for business
expansion
ƒ Supports full-size SHB/SBC or ATX/MicroATX motherboards
ƒ LED indicators for LAN connectivity, alarm notification of power supply, HDD
activity, system fan, and in-chassis temperature
ƒ ACP-1010: supports a slim ODD and two 3.5" disk drives
ƒ ACP-1320: supports dual mobile SAS / SATA HDD trays
ƒ Supports up to 2 expansion slots in BP version, and 1 expansion slot via riser
card in MB version
ƒ Supports both 250 W/300 W ATX/PFC power supply
ƒ Efficient cooling design prevents the system from over-heating
Specifications
Drive Bay
Front-accessible
Internal
Slim Optical Disk Drive
1
-
3.5"
1/2 SAS/SATA HDDs
1 (For ACP-1010BP-30ZE, it only allows 2.5" HDD.)
Cooling
Fan
BP: 4 (4 cm/24 CFM x 3 + 15 CFM x 1)
MB: 2 (4 cm/24 CFM each)
Front I/O Interface
USB
2
Miscellaneous
Notification LEDs
System: Power, HDD, Temperature, Fan, LAN1 and LAN2
Control
Power switch, system reset & alarm reset button
Rear panel
One 9-pin D-Sub opening
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
0.5 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
480 x 44 x 497 mm (19" x 1.7" x 19.6") / 480 x 44 x 617 mm (19" x 1.7" x 24.3")
Weight
8 kg (17.6 lb) / 8.8 kg (19.4 lb)
* This chassis supports up to Intel® Pentium® 4 84W, Core™2 Duo and Core™2 Quad 95W processors. We suggest that the ACP-1010 should be operated under 35° C if it uses
a Core™2 Quad processor. For server grade CPU cards like the PCE-7214 configured with SAS RAID card and SAS HDD, we suggest utilizing the Xeon® processor at 35 watts or
under for better thermal dissipation. This is due to the thermal and the power consumption of the SAS HDD being much higher than the SATA HDD while the system is operating.
When you purchase the ACP-1010BP-30ZE, the internal HDD only can be installed with 2.5" instead of 3.5" HDD.
Slim ODD
ACP-1010MB
ACP-1010BP
ACP-1010BP/1320BP
ACP-1010MB/1320MB
System reset
System-monitoring indicators
One 3.5" drive bay
Power switch
Alarm reset Dual USB
ACP-1010
ACP-1320
LED indicators
One 3.5" drive bay
Alarm Reset
System Reset
Dual USB
Slim optical disk drive
1U Rackmount Chassis for Full-size
SHB/SBC or ATX/MicroATX Motherboard
with Dual SAS/SATA HDD Trays
Inside View
Front View
Power
supply
Rear View
Power
supply
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 24-Aug-2012


Similar Part No. - ACP-1010_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-1010 ADVANTECH-ACP-1010_14 Datasheet
1Mb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
More results

Similar Description - ACP-1010_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-1010 ADVANTECH-ACP-1010_14 Datasheet
1Mb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
ACP-1320 ADVANTECH-ACP-1320_12 Datasheet
2Mb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
ACP-1320 ADVANTECH-ACP-1320 Datasheet
531Kb / 2P
   1U Rackmount Chassis for Full-Size SBC/Motherboard with Dual SAS/SATA HDD Trays
12-Nov-2009
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1010BP ADVANTECH-ACP-1010BP Datasheet
561Kb / 2P
   Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
20-Aug-2009
ACP-1000 ADVANTECH-ACP-1000 Datasheet
1Mb / 2P
   1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
IPC-7130 ADVANTECH-IPC-7130 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis with Dual SAS/SATA HDD Trays for ATX/MicroATX Motherboard
ACP-4340 ADVANTECH-ACP-4340_14 Datasheet
1Mb / 2P
   4U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with 4 Hot Swap Drive Trays
HPC-7242 ADVANTECH-HPC-7242 Datasheet
1Mb / 2P
   2U Rackmount Chassis for ATX Motherboard with 4 SAS/SATA HDD Trays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com