Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1-A7 Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # A1-A7
Description  High temperature soldering guaranteed: 250 C/10 seconds,0.375??9.5mm) lead length, 5 lbs. (2.3kg) tension
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

A1-A7 Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  A1-A7 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. A1-A7 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 --TYPICAL FORWARD CHARACTERISTIC
2
GAOMI XINGHE ELECTRONICSCO.,LTD. WWW.SDDZG.COM  TEL:0536-2210359  QQ:464768017
FIG.2 -- TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,mV
REVERSE VOLTAGE,VOLTS
100
1000
600
700
800
900
1000
1100
TJ = 150
°C
TJ =25
°C
TJ = 100
°C
0
5
10
15
20
25
30
35
40
10
9
8
7
6
5
4
3
2
1
0
FIG.3 -- TYPICAL INSTANTANEOUS
FIG.4 -- FORWARD DERATING CURVE
AMBIENT TEMPERATURE,
INSTANTANEOUS REVERSE VOLTAGE,V
0
100 200 300 400 500 600 700 800
900
0.01
0.1
10
1
100
TJ = 150°C
TJ = 125°C
TJ = 100°C
TJ =75°C
TJ =50°C
TJ =25°C
REVERSE CHARACTERISTICS
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
星合电子
XINGHE ELECTRONICS
A1-A7


Similar Part No. - A1-A7

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
A1-A7 DYELEC-A1-A7 Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - A1-A7

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMF4729 LEIDITECH-SMF4729 Datasheet
602Kb / 3P
   High temperature soldering guaranteed 260 째C/10 seconds at terminals
logo
Sangdest Microelectroni...
RS3A SMC-RS3A Datasheet
189Kb / 5P
   High temperature soldering guaranteed: 250??10 second at terminals
logo
Shanghai Leiditech Elec...
SMF4730 LEIDITECH-SMF4730 Datasheet
603Kb / 3P
   For surface mounted applications High temperature soldering guaranteed
FR1A LEIDITECH-FR1A Datasheet
575Kb / 3P
   High Temp Soldering: 260째C for 10 Seconds At Terminals
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
ST3232EB STMICROELECTRONICS-ST3232EB Datasheet
810Kb / 19P
   250 kbps minimum guaranteed data rate
February 2008 Rev 5
STLV3243EB STMICROELECTRONICS-STLV3243EB Datasheet
261Kb / 16P
   250 kbps minimum guaranteed data rate
January 2009 Rev 3
logo
RUBYCON CORPORATION
JEV RUBYCON-JEV Datasheet
62Kb / 2P
   85oC Standard, High Temperature Reflow Soldering.
logo
STANLEY ELECTRIC CO.,LT...
VTAN1116P-TR STANLEY-VTAN1116P-TR Datasheet
680Kb / 22P
   Lead?밼ree soldering compatible
PS1105WA-23-TR STANLEY-PS1105WA-23-TR Datasheet
593Kb / 21P
   Lead?밼ree soldering compatible
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com