Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-6606P3-25ZE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IPC-6606P3-25ZE
Description  6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-6606P3-25ZE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IPC-6606P3-25ZE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-6606P3-25ZE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
IPC-6606/6608
Ordering Information
Part Number
Power Supply
Backplane
Regulation Switch
IPC-6606
IPC-6606BP-00XE
-
-
-
AT/ATX
IPC-6606BP-25ZE
1757000117G
-
CE
AT
IPC-6606P3-25ZE
1757000117G
PCA-6106P3-0D2E
CE
AT
IPC-6606P3-30CE
1757003840
PCA-6106P3-0D2E
CE
ATX
IPC-6606BP-30CE
1757003840
-
CE
ATX
IPC-6608
IPC-6608BP-00E
-
-
-
AT/ATX
IPC-6608BP-25ZE
1757000117G
-
CE
ATX
IPC-6608BP-30CE
1757003840
-
CE
ATX
Power Supply Options
(For detailed power supply specs, please refer to Chapter 7)
Part Number
Specifications
Watts
Input
PS-250ATX-ZE (ATX, PFC)
250 W
AC 115 / 230 V (selectable)
PS8-300ATX-ZBE (ATX, PFC)
300 W
AC 110 ~ 240 V (full-range)
RPS-300ATX-ZE (ATX, PFC)
(Only for IPC-6608)
300 W
AC 100 ~ 240 V (full-range)
RPS-400ATX-ZE
(Only for IPC-6608)
400 W
AC100 ~ 240 V
Optional Accessories
Part Number
Description
1999806020
Fan filter 100 x 90 x 3 mm (for IPC-6606)
1999806030
Fan filter 127 x127 x 5 mm (for IPC-6608)
IDT-3120E
Mobile rack for converting a 3.5" drive bay to dual 2.5" SATA
HDD trays
IDT-5230E
Mobile rack for converting dual 5.25" drive bays to three
3.5" SAS/SATA HDD trays
Installation
Dimensions
Unit: mm [inch]
Unit: mm [inch]
IPC-6606
IPC-6606
Bidirectional mounting
173.0
[6.8"]
401.0
[15.8”]
396.0
[15.6”]
POWER
SUPPLY
305.06
356.20
149.00
91.14
253.92
51.14
16.90
51.14
42.47
IPC-6608
IPC-6608
410
[16.14”]
173
[6.8"]
414.7
[16.33”]
8- 5.2 [ 0.2]
6- 5.2 [ 0.2]
8- 10 [ 0.39]
152.5 [6]
24 [0.94]
282.2 [11.11]
24 [0.94]
152.5 [6]


Similar Part No. - IPC-6606P3-25ZE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6606P3-25ZE ADVANTECH-IPC-6606P3-25ZE Datasheet
1Mb / 2P
   8/6-Slot Desktop/Wallmount Chassis with PS/2 and Redundant Power Supply Options
More results

Similar Description - IPC-6606P3-25ZE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6608 ADVANTECH-IPC-6608_12 Datasheet
2Mb / 2P
   6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
IPC-6608 ADVANTECH-IPC-6608 Datasheet
1Mb / 2P
   8/6-Slot Desktop/Wallmount Chassis with PS/2 and Redundant Power Supply Options
IPC-6806 ADVANTECH-IPC-6806 Datasheet
640Kb / 2P
   6-Slot Desktop/Wallmount Chassis with 1U Power Supply
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
1Mb / 2P
   6/8-Slot Desktop/Wallmount Chassis
IPC-5122 ADVANTECH-IPC-5122 Datasheet
652Kb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard with PS/2 Power Supply
12-Aug-2009
IPC-6908 ADVANTECH-IPC-6908 Datasheet
479Kb / 2P
   8-Slot Desktop/Wallmount Chassis with Front Alarm Notification and Redundant Power Supply Option
16-July-2009
IPC-6806S ADVANTECH-IPC-6806S Datasheet
128Kb / 2P
   6-slot Desktop/Wallmount Chassis with Open Frame PFC Power Supply
20-Mar-2006
IPC-6908 ADVANTECH-IPC-6908_12 Datasheet
2Mb / 2P
   8-Slot Desktop/Wallmount Chassis with Front Alarm Notification
logo
Axiomtek Co., Ltd.
AX60551 AXIOMTEK-AX60551 Datasheet
146Kb / 1P
   Desktop or wallmount industrial computer chassis
AX60552 AXIOMTEK-AX60552 Datasheet
348Kb / 1P
   Desktop or wallmount industrial computer chassis
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com