Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-6622 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-6622
Description  Compact Embedded Mini-ITX Chassis with One Expansion Slot
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-6622 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-6622_12 Datasheet HTML 1Page - Advantech Co., Ltd. ARK-6622_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
ARK-6622
Compact Embedded Mini-ITX
Chassis with One Expansion Slot
ƒ Mini-ITX chassis supports front I/O interfaces and one expansion slot
ƒ Shockproof disk drive bay for up to two 2.5" hard disks
ƒ Bottom door for access to devices on the solder side of motherboard
ƒ Equipped with Flex 180W AC ATX power supply with power cord hook
ƒ LED indicators for system fault detection
ƒ Optional WLAN 802.11 b/g module and VESA mounting kit
ƒ Supports dedicated Advantech motherboard: AIMB-210/258/262/270
Specifications
Disk Drive Bay
2.5" (internal)
2
Front I/O Openings
USB
4
PS/2
2
COM
2
DVI/COM
1
RJ-45
2
Audio
3 (Mic-in, Line-out, Line-in)
VGA
1
Expansion slot
1*
Reserved cutouts
2 x DB-9 and 2 x Wireless Antenna Opening
Cooling
System Fan
ARK-6622H
2 (6 cm/27.7CFM)
ARK-6622L
1 (6 cm/15.4CFM)
Air Filter
Yes
Yes
Miscellaneous
LED Indicators
Power, HDD, Temperature
Control
Power switch
Environment
Operating
Non-operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85%, @ 40° C, non-condensing
10 ~ 95%, @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
272 x 88 x 232 mm (10.7" x 3.5" x 9.1")
Weight
3.49 kg (7.68 lb)
* The expansion slot is supported by dedicated riser cards, so an optional riser card is required for the add-on card.
* 176 mm (W) x 22 mm (H) space is available for add-on cards to assemble in slot.
2.5" HDDs and Riser Card Bracket
Expansion slot
Dual Giga LANs
COM/DVI
Thermal LED
HDD LED
PWR On/Off
Extra cutouts
Flex
power supply
Handle
Audio
USB
VGA
2 COMs
PS2/Keyboard
PS2/Mouse
Rear Cover for Replacing Fans
2.5" HDD
Riser card
2.5" HDD
Shockproof disk drive bay
for 2 x 2.5 HDDs
System fan(s)
Power supply
Riser card
System fan(s)
Air filter
Front View
Inside View
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 20-Jun-2012


Similar Part No. - ARK-6622_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6622 ADVANTECH-ARK-6622_15 Datasheet
793Kb / 2P
   Compact Chassis with one front slot for Mini-ITX Motherboard
More results

Similar Description - ARK-6622_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6622 ADVANTECH-ARK-6622 Datasheet
555Kb / 2P
   Compact Embedded Mini-ITX Chassis with One Expansion Slot
EPC-B2275 ADVANTECH-EPC-B2275 Datasheet
1Mb / 2P
   Embedded Mini-ITX Chassis with One Expansion Slot
19-Jan-2021
EPC-B2205 ADVANTECH-EPC-B2205 Datasheet
1Mb / 2P
   Embedded Mini-ITX Chassis with One Expansion Slot
19-Jan-2021
EPC-B2000 ADVANTECH-EPC-B2000 Datasheet
1Mb / 2P
   Embedded Mini-ITX Chassis with One Expansion Slot
EPC-B2000 ADVANTECH-EPC-B2000_V01 Datasheet
1Mb / 2P
   Embedded Mini-ITX Chassis with One Expansion Slot
26-Apr-2016
AIMB-B2205 ADVANTECH-AIMB-B2205 Datasheet
1Mb / 2P
   Embedded Mini-ITX Chassis with One Expansion Slot
4-Dec-2017
AIMB-B2000 ADVANTECH-AIMB-B2000 Datasheet
934Kb / 2P
   Embedded Mini-ITX Chassis with One Expansion Slot
EPC-T3229 ADVANTECH-EPC-T3229 Datasheet
457Kb / 2P
   1U thin Mini-ITX Chassis with One Expansion Slot
2-Sep-2022
EPC-T3285 ADVANTECH-EPC-T3285 Datasheet
880Kb / 2P
   1U thin Mini-ITX Chassis with One Expansion Slot
19-Jan-2021
ARK-6622 ADVANTECH-ARK-6622_15 Datasheet
793Kb / 2P
   Compact Chassis with one front slot for Mini-ITX Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com