Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0034.5621.xx Datasheet(PDF) 3 Page - Schurter Inc.

Part # 0034.5621.xx
Description  Directly solderable on printed circuit boards
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.5621.xx Datasheet(HTML) 3 Page - Schurter Inc.

  0034.5621.xx Datasheet HTML 1Page - Schurter Inc. 0034.5621.xx Datasheet HTML 2Page - Schurter Inc. 0034.5621.xx Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Non resettable fuses
SMD-FST
www.schurter.com/pg0_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
0.02–0.1 A
0.125–20 A
Multiple of Rated Current In
 
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 0034.5621.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.5621.xx SCHURTER-0034.5621.xx Datasheet
438Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
More results

Similar Description - 0034.5621.xx

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT631SMX-4 ACT-ACT631SMX-4 Datasheet
358Kb / 3P
   crystal suitable for automatic placement on printed circuit boards.
01/11/2005
ACT631SMX-4 ACT-ACT631SMX-4_12 Datasheet
281Kb / 2P
   crystal suitable for automatic placement on printed circuit boards
31-5-2012
logo
GeneSiC Semiconductor, ...
KBU1010 GENESIC-KBU1010 Datasheet
299Kb / 3P
   Ideal for printed circuit boards
logo
Advanced Crystal Techno...
ACT631SMX-2 ACT-ACT631SMX-2 Datasheet
59Kb / 2P
   crystal suitable for automatic placement on printed circuit boards.
16/08/04
logo
GeneSiC Semiconductor, ...
KBU1004 GENESIC-KBU1004 Datasheet
298Kb / 3P
   Ideal for printed circuit boards
logo
Mospec Semiconductor
GBJ25A MOSPEC-GBJ25A Datasheet
179Kb / 2P
   Ideal for printed circuit boards
logo
Vishay Siliconix
SBYV26C-M3 VISHAY-SBYV26C-M3 Datasheet
79Kb / 5P
   Ideal for printed circuit boards
Revision: 15-Nov-16
logo
First Silicon Co., Ltd
KBJ401 FS-KBJ401 Datasheet
233Kb / 2P
   Ideal for printed circuit boards
logo
Wurth Elektronik GmbH &...
74278042 WURTH-74278042 Datasheet
433Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278043 WURTH-74278043 Datasheet
446Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com