Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0034.5616.xx Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0034.5616.xx
Description  Directly solderable on printed circuit boards
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.5616.xx Datasheet(HTML) 2 Page - Schurter Inc.

  0034.5616.xx Datasheet HTML 1Page - Schurter Inc. 0034.5616.xx Datasheet HTML 2Page - Schurter Inc. 0034.5616.xx Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
SMD-FST
www.schurter.com/pg0_2
Fuses
Pre-Arcing Time
Rated Current In
.5 x In min.
2. x In max. 2.75 x In min. 2.75 x In max. 4.0 x In min.
4.0 x In max. 0.0 x In min. 0.0 x In max.
0.05 A - 0.1 A
60 min
120 s
300 ms
10 s
40 ms
3 s
10 ms
300 ms
0.125 A - 6.3 A
60 min
120 s
600 ms
10 s
150 ms
3 s
20 ms
300 ms
8 A - 10 A
30 min
120 s
600 ms
10 s
150 ms
3 s
20 ms
300 ms
12.5 A - 20 A
15 min
120 s
600 ms
10 s
150 ms
3 s
20 ms
300 ms
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
max. [mW]
Power Dissi-
pation .5 In
typ. [mW]
Melting I²t
0.0 Intyp.
[A²s]
Order Number
0.05
250
1)
3500
950
1600
125
0.0363
l
l
0034.5604.xx
0.063
250
1)
3000
1300
1600
200
0.0401
l
l
0034.5605.xx
0.08
250
1)
3000
1100
1600
300
0.057
l
l
0034.5606.xx
0.1
250
1)
2500
565
1600
155
0.107
l
l
0034.5607.xx
0.125
250
1)
2000
400
1600
200
0.064
l
l
0034.5608.xx
0.16
250
1)
1900
415
1600
185
0.23
l
l
0034.5609.xx
0.2
250
1)
1500
270
1600
200
0.256
l
l
0034.5610.xx
0.25
250
1)
1300
210
1600
200
0.238
l
l
0034.5611.xx
0.315
250
1)
1100
170
1600
200
0.544
l
l
0034.5612.xx
0.4
250
1)
1000
150
1600
200
0.768
l
l
0034.5613.xx
0.5
250
1)
900
160
1600
200
3
l
l
0034.5614.xx
0.63
250
1)
300
160
1600
200
4.35
l
l
0034.5615.xx
0.8
250
1)
250
120
1600
200
3.85
l
l
0034.5616.xx
1
250
1)
150
60
1600
200
3.3
l
l
0034.5617.xx
1.25
250
1)
150
60
1600
300
5.5
l
l
0034.5618.xx
1.6
250
1)
150
60
1600
300
10.5
l
l
0034.5619.xx
2
250
1)
150
60
1600
300
16
l
l
0034.5620.xx
2.5
250
1)
120
60
1600
400
21.9
l
l
0034.5621.xx
3.15
250
1)
100
60
1600
500
47
l
l
0034.5622.xx
4
250
2)
100
60
1600
800
68.3
l
l
0034.5623.xx
5
250
2)
100
60
1600
900
102
l
l
0034.5624.xx
6.3
250
2)
100
60
1600
1000
190
l
l
0034.5625.xx
8
250
2)
100
60
4000
1300
275
l
l
0034.5626.xx
10
250
2)
100
60
4000
1300
520
l
l
0034.5627.xx
12.5
250
3)
-
60
-
2500
750
 
l
0034.5628.xx
16
250
3)
-
60
-
3300
1638
 
l
0034.5629.xx
20
250
3)
-
60
-
4200
3057
 
 
0034.5630.xx
1)35A@250VAC
2)10In@250VAC
3)125A@250VAC
Packaging Unit
.xx=.11PlasticBag(100pcs.)
.xx=.22BlisterTape33cmReel(1000pcs.)


Similar Part No. - 0034.5616.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.5616.xx SCHURTER-0034.5616.xx Datasheet
438Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
More results

Similar Description - 0034.5616.xx

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT631SMX-4 ACT-ACT631SMX-4 Datasheet
358Kb / 3P
   crystal suitable for automatic placement on printed circuit boards.
01/11/2005
ACT631SMX-4 ACT-ACT631SMX-4_12 Datasheet
281Kb / 2P
   crystal suitable for automatic placement on printed circuit boards
31-5-2012
logo
GeneSiC Semiconductor, ...
KBU1010 GENESIC-KBU1010 Datasheet
299Kb / 3P
   Ideal for printed circuit boards
logo
Advanced Crystal Techno...
ACT631SMX-2 ACT-ACT631SMX-2 Datasheet
59Kb / 2P
   crystal suitable for automatic placement on printed circuit boards.
16/08/04
logo
GeneSiC Semiconductor, ...
KBU1004 GENESIC-KBU1004 Datasheet
298Kb / 3P
   Ideal for printed circuit boards
logo
Mospec Semiconductor
GBJ25A MOSPEC-GBJ25A Datasheet
179Kb / 2P
   Ideal for printed circuit boards
logo
Vishay Siliconix
SBYV26C-M3 VISHAY-SBYV26C-M3 Datasheet
79Kb / 5P
   Ideal for printed circuit boards
Revision: 15-Nov-16
logo
First Silicon Co., Ltd
KBJ401 FS-KBJ401 Datasheet
233Kb / 2P
   Ideal for printed circuit boards
logo
Wurth Elektronik GmbH &...
74278042 WURTH-74278042 Datasheet
433Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278043 WURTH-74278043 Datasheet
446Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com