Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2158-14 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2158-14
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2158-14 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2158-14 Datasheet HTML 6Page - Linear Technology LTC2158-14 Datasheet HTML 7Page - Linear Technology LTC2158-14 Datasheet HTML 8Page - Linear Technology LTC2158-14 Datasheet HTML 9Page - Linear Technology LTC2158-14 Datasheet HTML 10Page - Linear Technology LTC2158-14 Datasheet HTML 11Page - Linear Technology LTC2158-14 Datasheet HTML 12Page - Linear Technology LTC2158-14 Datasheet HTML 13Page - Linear Technology LTC2158-14 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC6431-15
10
643115f
operaTion
The LTC6431-15 is a highly linear, fixed-gain amplifier that
is configured to operate single ended. Its core signal path
consists of a single amplifier stage minimizing stability is-
sues.TheinputisaDarlingtonpairforhighinputimpedance
and high current gain. Additional circuit enhancements
increase the output impedance and minimize the effects
of internal Miller capacitance.
The LTC6431-15 starts with a classic RF gain-block topol-
ogybutaddsadditionalenhancementstoachievedramati-
cally improved linearity. Shunt and series feedback are
addedtolowertheinput/outputimpedanceandmatchthem
simultaneously to the 50Ω source and load. Meanwhile,
an internal bias controller optimizes the internal operating
point for peak linearity over environmental changes. This
circuit architecture provides low noise, excellent RF power
handling capability and wide bandwidth—characteristics
that are desirable for IF signal chain applications.
Figure 1. Application, Test Circuit A
TesT circuiT a
PORT
INPUT
PORT
OUTPUT
643115 F01
C7
1000pF
L1
560nH
DNC
DNC
DNC
DNC
DNC
DNC
OUT
GND
T_DIODE
DNC
DNC
DNC
C6
0.1µF
C3
1000pF
VCC = 5V
C1
60pF
OPTIONAL
STABILITY
NETWORK
R1
350
C5
1nF
LTC6431-15


Similar Part No. - LTC2158-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2158-14 LINER-LTC2158-14 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
LTC2158-14 LINER-LTC2158-14 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC2158-14 LINER-LTC2158-14 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
logo
Analog Devices
LTC2158-14 AD-LTC2158-14 Datasheet
2Mb / 26P
   1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
LTC2158-14 AD-LTC2158-14 Datasheet
2Mb / 32P
   300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
More results

Similar Description - LTC2158-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6431-20 LINER-LTC6431-20 Datasheet
225Kb / 8P
   50廓 20dB Gain Block IF Amplifier
LTC6431-20 LINER-LTC6431-20_15 Datasheet
424Kb / 16P
   20dB Gain Block, 50 IF Amplifier
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
   1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com