Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2153-14 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2153-14
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2153-14 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2153-14 Datasheet HTML 7Page - Linear Technology LTC2153-14 Datasheet HTML 8Page - Linear Technology LTC2153-14 Datasheet HTML 9Page - Linear Technology LTC2153-14 Datasheet HTML 10Page - Linear Technology LTC2153-14 Datasheet HTML 11Page - Linear Technology LTC2153-14 Datasheet HTML 12Page - Linear Technology LTC2153-14 Datasheet HTML 13Page - Linear Technology LTC2153-14 Datasheet HTML 14Page - Linear Technology LTC2153-14 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC6431-15
11
643115f
The LTC6431-15 is a highly linear fixed-gain amplifier
which is designed for ease of use. Implementing an RF
gain stage is often a multistep project. Typically an RF
designer must choose a bias point and design a bias
network. Next the designer needs to address impedance
matching with input and output matching networks and,
finally, add stability networks to ensure stable operation
in and out of band. These tasks are handled internally
within the LTC6431-15.
The LTC6431-15 has an internal self-biasing network
which compensates for temperature variation and keeps
the device biased for optimal linearity. Therefore, input
and output DC blocking capacitors are required.
Boththeinputandoutputareinternallyimpedancematched
to 50Ω from 20MHz to 1700MHz. Similarly, an RF choke is
required at the output to deliver DC current to the device.
The RF choke acts as a high impedance (isolation) to
the DC supply which is at RF ground. Thus, the internal
LTC6431-15 impedance matching is unaffected by the
biasing network. The open collector output topology can
delivermuchmorepowerthananamplifierwhosecollector
is biased through a resistor or active load.
Choosing the Right RF Choke
Not all choke inductors are created equal. It is always
important to select an inductor with low RLOSS, as this will
drop the available voltage to the device. Also look for an
inductor with high self-resonant frequency (SRF) as this
will limit the upper frequency where the choke is useful.
Above the SRF, the parasitic capacitance dominates and
the choke impedance will drop. For these reasons, wire
wound inductors are preferred, and multilayer ceramic
chip inductors should be avoided for an RF choke. Since
the LTC6431-15 is capable of such wideband operation,
a single choke value will probably not result in optimized
performance across its full frequency band. Table 1 lists
target frequency bands and suggested corresponding
inductor values.
Table 1. Target Frequency Bands and Suggested Inductor Values
FREQUENCY BAND
(MHz)
INDUCTOR VALUE
(nH)
MODEL
NUMBER
MANUFACTURER
20 to 100
1500nH
0805LS
Coilcraft
www.coilcraft.com
100 to 500
560nH
0603LS
500 to 1000
100nH
0603LS
1000 to 2000
51nH
0603LS
DC Blocking Capacitor
The role of a DC blocking capacitor is straightforward:
block the path of DC current and allow a low series imped-
ance path for the AC signal. Lower frequencies require a
highervalueofDCblockingcapacitance.Generally,1000pF
to 10000pF will suffice for operation down to 20MHz.
The LTC6431-15 is relatively insensitive to the choice of
blocking capacitor.
RF Bypass Capacitor
RF bypass capacitors act to shunt AC signals to ground
with a low impedance path. It is best to place them as close
as possible to the DC power supply pins of the device.
Any extra distance translates into additional series in-
ductance which lowers the self-resonant frequency and
useful bandwidth of the bypass capacitor. The suggested
bypass capacitor network consists of two capacitors:
a low value 1000pF capacitor to handle high frequencies
in parallel with a larger 0.1µF capacitor to handle lower
frequencies. Use ceramic capacitors of an appropriate
physical size for each capacitance value (e.g., 0402 for
the 1000pF, 0805 for the 0.1µF) to minimize the equiva-
lent series resistance (ESR) of the capacitor.
applicaTions inForMaTion


Similar Part No. - LTC2153-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2153-14 LINER-LTC2153-14_15 Datasheet
823Kb / 26P
   14-Bit 310Msps ADC
More results

Similar Description - LTC2153-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6431-20 LINER-LTC6431-20 Datasheet
225Kb / 8P
   50廓 20dB Gain Block IF Amplifier
LTC6431-20 LINER-LTC6431-20_15 Datasheet
424Kb / 16P
   20dB Gain Block, 50 IF Amplifier
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
   1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com