Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2365 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2365
Description  12-Bit, 5Msps Serial Sampling ADC in TSOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 6Page - Linear Technology LTC2365 Datasheet HTML 7Page - Linear Technology LTC2365 Datasheet HTML 8Page - Linear Technology LTC2365 Datasheet HTML 9Page - Linear Technology LTC2365 Datasheet HTML 10Page - Linear Technology LTC2365 Datasheet HTML 11Page - Linear Technology LTC2365 Datasheet HTML 12Page - Linear Technology LTC2365 Datasheet HTML 13Page - Linear Technology LTC2365 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2315-12
10
231512f
For more information www.linear.com/2315-12
tTHROUGHPUT
tACQ-MIN
tACQ-MIN = 40ns
tCONV
tCONV(MIN) = 13 • tSCK + t2 + t10
14
13
5
4
3
2
1
CS
SCK
SDO
HI-Z STATE
(MSB)
*NOTE: SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION
B0
0
B1
B9
B10
B11*
0
0
231512 TD06
t5
t6
t2
t4
t7
t10
t9
t3
Figure 6: LTC2315-12 Serial Interface Timing Diagram (SCK High During tACQ)
tTHROUGHPUT = 18 • tSCK
tACQ
tACQ = 4 • tSCK
tCONV
tCONV = 14 • tSCK
13
14
15
16
17
18
18
4
5
3
2
1
CS
SCK
SDO
HI-Z STATE
(MSB)
*NOTE: SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION
B1
B0
0
B9
B10
B11*
0
0
231512 TD07
t5
t6
t2
t4 t7
t10
t9
t3
Figure 7: LTC2315-12 Serial Interface Timing Diagram (SCK Continuous)
applicaTions inForMaTion
Overview
TheLTC®2315-12isalownoise,highspeed,12-bitsucces-
sive approximation register (SAR) ADC. The LTC2315-12
operates over a wide supply range (2.7V to 5.25V) and
provides a low drift (20ppm/°C maximum), internal refer-
ence and reference buffer. The internal reference buffer is
automatically configured to a 2.048V span in low supply
range (2.7V to 3.6V) and to a 4.096V span in the high
supply range (4.75V to 5.25V). The LTC2315-12 samples
at a 5Msps rate and supports an 87.5MHz data clock. The
LTC2315-12 achieves excellent dynamic performance
(73dB SNR, 84dB THD) while dissipating only 32mW from
a 5V supply at the 5Msps conversion rate.
The LTC2315-12 outputs the conversion data with one
cycle of conversion latency on the SDO pin. The SDO pin
output logic levels are supplied by the dedicated OVDD
supply pin which has a wide supply range (1.71V to 5.25V)
allowingtheLTC2315-12tocommunicatewith1.8V,2.5V,
3V or 5V systems.
TheLTC2315-12providesbothnapandsleeppower-down
modes through serial interface control to reduce power
dissipation during inactive periods.
Serial Interface
TheLT2315-12communicateswithmicrocontrollers,DSPs
and other external circuitry via a 3-wire interface. A falling
CS edge starts a conversion and frames the serial data
transfer.SCKprovidestheconversionclockforthecurrent
sample and controls the data readout on the SDO pin of
the previous sample. CS transitioning low clocks out the
first leading zero and subsequent SCK falling edges clock
out the remaining data as shown in Figures 5, 6 and 7 for
TiMing DiagraMs


Similar Part No. - LTC2365

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
More results

Similar Description - LTC2365

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
   12-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC1405 LINER-LTC1405 Datasheet
218Kb / 16P
   12-Bit, 5Msps, Sampling ADC
LTC1405 LINER-LTC1405_1 Datasheet
328Kb / 20P
   12-Bit, 5Msps, Sampling ADC
LTC1405 LINER-LTC1405_15 Datasheet
334Kb / 20P
   12-Bit, 5Msps, Sampling ADC
LTC2314-14 LINER-LTC2314-14_15 Datasheet
668Kb / 22P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
   14-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com