Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3834 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3834
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3834 Datasheet HTML 7Page - Linear Technology LTC3834 Datasheet HTML 8Page - Linear Technology LTC3834 Datasheet HTML 9Page - Linear Technology LTC3834 Datasheet HTML 10Page - Linear Technology LTC3834 Datasheet HTML 11Page - Linear Technology LTC3834 Datasheet HTML 12Page - Linear Technology LTC3834 Datasheet HTML 13Page - Linear Technology LTC3834 Datasheet HTML 14Page - Linear Technology LTC3834 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LTC3890-3
11
38903f
For more information www.linear.com/3890-3
operaTion (Refer to the Functional Diagram)
Main Control Loop
The LTC3890-3 uses a constant frequency, current mode
step-down architecture with the two controller channels
operating 180 degrees out-of-phase. During normal op-
eration, each external top MOSFET is turned on when the
clock for that channel sets the RS latch, and is turned off
when the main current comparator, ICMP, resets the RS
latch. The peak inductor current at which ICMP trips and
resets the latch is controlled by the voltage on the ITH pin,
which is the output of the error amplifier, EA. The error
amplifier compares the output voltage feedback signal at
the VFB pin, (which is generated with an external resistor
divider connected across the output voltage, VOUT, to
ground)totheinternal0.800Vreferencevoltage.Whenthe
load current increases, it causes a slight decrease in VFB
relative to the reference, which causes the EA to increase
the ITH voltage until the average inductor current matches
the new load current.
After the top MOSFET is turned off each cycle, the bottom
MOSFETisturnedonuntileithertheinductorcurrentstarts
to reverse, as indicated by the current comparator IR, or
the beginning of the next clock cycle.
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
other internal circuitry is derived from the INTVCC pin.
When the EXTVCC pin is tied to a voltage less than 4.7V,
the VIN LDO (low dropout linear regulator) supplies 5.1V
from VIN to INTVCC. If EXTVCC is taken above 4.7V, the VIN
LDO is turned off and an EXTVCC LDO is turned on. Once
enabled, the EXTVCC LDO supplies 5.1V from EXTVCC to
INTVCC. Using the EXTVCC pin allows the INTVCC power
to be derived from a high efficiency external source such
as one of the LTC3890-3 switching regulator outputs.
Each top MOSFET driver is biased from the floating boot-
strap capacitor CB, which normally recharges during each
cycle through an external diode when the top MOSFET
turns off. If the input voltage, VIN, decreases to a voltage
close to VOUT, the loop may enter dropout and attempt
to turn on the top MOSFET continuously. The dropout
detector detects this and forces the top MOSFET off for
about one-twelfth of the clock period every tenth cycle to
allow CB to recharge.
Shutdown and Start-Up (RUN1, RUN2 and
TRACK/ SS1, TRACK/SS2 Pins)
The two channels of the LTC3890-3 can be independently
shutdownusingtheRUN1andRUN2pins.Pullingeitherof
these pins below 1.15V shuts down the main control loop
for that controller. Pulling both pins below 0.7V disables
both controllers and most internal circuits, including the
INTVCC LDOs. In this state, the LTC3890-3 draws only
14µA of quiescent current.
Releasing either RUN pin allows a small internal current to
pull up the pin to enable that controller. The RUN1 pin has a
7µApull-upcurrentwhiletheRUN2pinhasasmaller0.5µA.
The 7µA current on RUN1 is designed to be large enough
so that the RUN1 pin can be safely floated (to always en-
able the controller) without worry of condensation or other
small board leakage pulling the pin down. This is ideal for
always-on applications where one or both controllers are
enabled continuously and never shut down.
The RUN pin may be externally pulled up or driven directly
by logic. When driving the RUN pin with a low impedance
source, do not exceed the absolute maximum rating of
8V. The RUN pin has an internal 11V voltage clamp that
allows the RUN pin to be connected through a resistor to a
higher voltage (for example, VIN),solongasthemaximum
current into the RUN pin does not exceed 100µA.
The start-up of each controller’s output voltage VOUT is
controlled by the voltage on the TRACK/SS pin for that
channel. When the voltage on the TRACK/SS pin is less
than the 0.8V internal reference, the LTC3890-3 regulates
the VFB voltage to the TRACK/SS pin voltage instead of the
0.8V reference. This allows the TRACK/SS pin to be used
toprogramasoft-startbyconnectinganexternalcapacitor
from the TRACK/SS pin to SGND. An internal 1µA pull-up
current charges this capacitor creating a voltage ramp on
the TRACK/SS pin. As the TRACK/SS voltage rises linearly
from 0V to 0.8V (and beyond up to 5V), the output voltage
VOUT rises smoothly from zero to its final value.
Alternatively the TRACK/SS pin can be used to cause the
start-up of VOUT to track that of another supply. Typically,
this requires connecting to the TRACK/SS pin an external
resistor divider from the other supply to ground (see the
Applications Information section).


Similar Part No. - LTC3834

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3834 LINER-LTC3834 Datasheet
426Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834 LINER-LTC3834 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LTC3834 LINER-LTC3834 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3834 LINER-LTC3834 Datasheet
541Kb / 36P
   60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
LTC3834 LINER-LTC3834 Datasheet
487Kb / 28P
   60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
More results

Similar Description - LTC3834

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890_15 Datasheet
918Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2_15 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892-1 LINER-LTC3892-1_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com