Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3858 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3858
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3858 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3858 Datasheet HTML 3Page - Linear Technology LTC3858 Datasheet HTML 4Page - Linear Technology LTC3858 Datasheet HTML 5Page - Linear Technology LTC3858 Datasheet HTML 6Page - Linear Technology LTC3858 Datasheet HTML 7Page - Linear Technology LTC3858 Datasheet HTML 8Page - Linear Technology LTC3858 Datasheet HTML 9Page - Linear Technology LTC3858 Datasheet HTML 10Page - Linear Technology LTC3858 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTC3890-3
7
38903f
For more information www.linear.com/3890-3
Typical perForMance characTerisTics
TRACK/SS Pull-Up Current
vs Temperature
Shutdown (RUN) Threshold
vs Temperature
Regulated Feedback Voltage
vs Temperature
SENSEPin Total Input Bias Current
vs Temperature
Shutdown Current
vs Input Voltage
Oscillator Frequency
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
Oscillator Frequency
vs Input Voltage
Shutdown Current vs Temperature
INPUT VOLTAGE (V)
344
348
350
356
20
30 35 40 45 50 55 60 65
15
10
5
25
38903 G26
346
352
354
FREQ = GND
TEMPERATURE (°C)
–75
1.30
1.35
1.40
0
100
38903 G20
1.25
1.20
–50 –25
50
25
125 150
1.15
1.00
1.05
1.10
RUN1 FALLING
RUN2 RISING
RUN1 RISING
RUN2 FALLING
75
TEMPERATURE (°C)
–75
806
0
25 50
38903 G21
800
796
–50 –25
75
794
792
808
804
802
798
100 125 150
INPUT VOLTAGE (V)
0
10
15
30
25
20
30 35 40 45 50 55 60 65
15
10
5
25
38903 G23
5
20
TEMPERATURE (°C)
8
12
14
22
20
25 50 75 100 125 150
–25
–75 –50
0
38903 G27
10
16
18
VIN = 12V
TEMPERATURE (°C)
–75
3.7
3.8
3.9
4.1
–25
75 100
38903 G25
3.6
4.2
4.0
–50
0 25 50
125 150
FALLING
RISING
TEMPERATURE (°C)
–75
500
550
600
0
25 50
100
38903 G24
450
400
–50 –25
75
125 150
350
300
FREQ = GND
FREQ = INTVCC
TEMPERATURE (°C)
–75
50
25
0
38903 G22
400
300
–25
–50
75
800
700
600
500
200
100
0
–100
125
100
150
VOUT > INTVCC + 0.5V
VOUT < INTVCC – 0.5V
TEMPERATURE (°C)
–75
0.90
0.95
1.00
1.05
1.10
–50 –25 0
75
50
25
38903 G19
100 125 150


Similar Part No. - LTC3858

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3858 LINER-LTC3858 Datasheet
541Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858 Datasheet
487Kb / 28P
   60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3858 LINER-LTC3858 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3858 LINER-LTC3858 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3858 LINER-LTC3858 Datasheet
563Kb / 34P
   Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
More results

Similar Description - LTC3858

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890_15 Datasheet
918Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2_15 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892-1 LINER-LTC3892-1_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com