Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3891 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 5 Page - Linear Technology

  LTC3891 Datasheet HTML 1Page - Linear Technology LTC3891 Datasheet HTML 2Page - Linear Technology LTC3891 Datasheet HTML 3Page - Linear Technology LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LTC3890-3
5
38903f
For more information www.linear.com/3890-3
Typical perForMance characTerisTics
Efficiency and Power Loss
vs Output Current
Efficiency vs Output Current
Load Step
Burst Mode Operation
Load Step
Forced Continuous Mode
Load Step
Pulse-Skipping Mode
Inductor Current at Light Load
Soft Start-Up
Tracking Start-Up
Efficiency vs Input Voltage
VIN = 12V
VOUT = 3.3V
FIGURE 13 CIRCUIT
50µs/DIV
38903 G04
VOUT
100mV/DIV
AC-
COUPLED
IL
2A/DIV
VIN = 12V
VOUT = 3.3V
FIGURE 13 CIRCUIT
50µs/DIV
38903 G05
VOUT
100mV/DIV
AC-
COUPLED
IL
2A/DIV
VIN = 12V
VOUT = 3.3V
FIGURE 13 CIRCUIT
50µs/DIV
38903 G06
VOUT
100mV/DIV
AC-
COUPLED
IL
2A/DIV
VIN = 12V
VOUT = 3.3V
ILOAD = 200µA
5µs/DIV
38903 G07
FORCED
CONTINUOUS
MODE
PULSE-SKIPPING
MODE
Burst Mode
OPERATION
1A/DIV
FIGURE 13 CIRCUIT
2ms/DIV
38903 G08
VOUT2
2V/DIV
VOUT1
2V/DIV
FIGURE 13 CIRCUIT
2ms/DIV
38903 G09
VOUT2
2V/DIV
VOUT1
2V/DIV
OUTPUT CURRENT (A)
0
70
100
1
0.1
0.01
0.001
0.0001
10
38903 G02
50
40
30
20
10
60
80
90
VOUT = 8.5V
VOUT = 3.3V
VIN = 12V
Burst Mode OPERATION
FIGURE 13 CIRCUIT
INPUT VOLTAGE (V)
80
94
100
20
30 35 40 45 50 55 60
15
10
5
0
25
38903 G03
90
88
86
84
82
92
96
98
VOUT1 = 3.3V
VOUT2 = 8.5V
ILOAD = 2A
FIGURE 13 CIRCUIT
OUTPUT CURRENT (A)
FIGURE 13 CIRCUIT
0
70
100
1
0.1
0.01
0.001
0.0001
10
38903 G01
50
40
30
20
1
10
100
1000
10000
0.1
10
60
80
90
VIN = 12V
VOUT = 3.3V
BURST EFFICIENCY
FCM LOSS
PULSE-SKIPPING
LOSS
BURST LOSS
FCM EFFICIENCY
PULSE-SKIPPING
EFFICIENCY


Similar Part No. - LTC3891

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3891 LINER-LTC3891 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LTC3891 LINER-LTC3891 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3891 LINER-LTC3891 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LTC3891 LINER-LTC3891 Datasheet
2Mb / 38P
   150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC3891 LINER-LTC3891 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
More results

Similar Description - LTC3891

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890_15 Datasheet
918Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2_15 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892-1 LINER-LTC3892-1_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com