Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3880 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3880
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 3Page - Linear Technology LTC3880 Datasheet HTML 4Page - Linear Technology LTC3880 Datasheet HTML 5Page - Linear Technology LTC3880 Datasheet HTML 6Page - Linear Technology LTC3880 Datasheet HTML 7Page - Linear Technology LTC3880 Datasheet HTML 8Page - Linear Technology LTC3880 Datasheet HTML 9Page - Linear Technology LTC3880 Datasheet HTML 10Page - Linear Technology LTC3880 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTM8045
7
8045fa
For more information www.linear.com/8045
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Required Input Voltage
vs Output Current
Maximum Output Current
vs Input Voltage
Internal Temperature Rise vs Output
Current, 2.5VOUT SEPIC
Internal Temperature Rise vs Output
Current, 3.3VOUT SEPIC
Internal Temperature Rise vs Output
Current, 5VOUT SEPIC
Internal Temperature Rise vs Output
Current, 8VOUT SEPIC
Internal Temperature Rise vs Output
Current, 12VOUT SEPIC
Internal Temperature Rise vs Output
Current, 15VOUT SEPIC
Internal Temperature Rise
vs Output Current, –2.5VOUT
Inverting Converter
OUTPUT CURRENT (mA)
2
16
14
18
6
4
8
12
10
8045 G28
0
200
400
600
800
±15VOUT
±12VOUT
±8VOUT
±5VOUT
±3.3VOUT
±2.5VOUT
INPUT VOLTAGE (V)
100
700
600
800
200
300
500
400
8045 G29
2
8
10
4
6
12
14
16
18
±2.5VOUT
±3.3VOUT
±5VOUT
±8VOUT
±12VOUT
±15VOUT
OUTPUT CURRENT (mA)
0
20
10
15
30
25
5
8045 G30
0
300 400
100 200
500 600 700 800
18VIN
12VIN
5VIN
3.3VIN
OUTPUT CURRENT (mA)
0
20
10
15
35
30
25
5
8045 G31
0
300 400
100 200
500 600 700 800
18VIN
12VIN
5VIN
3.3VIN
OUTPUT CURRENT (mA)
0
20
10
15
35
30
25
5
8045 G32
0
300 400
100 200
500 600 700
18VIN
12VIN
5VIN
3.3VIN
OUTPUT CURRENT (mA)
0
20
10
15
45
40
35
30
25
5
8045 G34
0
300
400
100
200
500
18VIN
12VIN
5VIN
3.3VIN
OUTPUT CURRENT (mA)
0
20
10
60
50
40
30
8045 G35
0
300
400
100
200
500
18VIN
12VIN
5VIN
OUTPUT CURRENT (mA)
0
20
25
15
10
5
8045 G36
0
300 400
100 200
500 600 700 800
18VIN
12VIN
5VIN
3.3VIN
OUTPUT CURRENT (mA)
0
20
10
15
40
35
30
25
5
8045 G33
0
300
400
100
200
600
500
18VIN
12VIN
5VIN
3.3VIN


Similar Part No. - LTC3880

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3880 LINER-LTC3880 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3880 LINER-LTC3880 Datasheet
823Kb / 108P
   Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3880 LINER-LTC3880 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
logo
Analog Devices
LTC3880 AD-LTC3880 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC3880 LINER-LTC3880 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
More results

Similar Description - LTC3880

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8045 LINER-LTM8045_15 Datasheet
289Kb / 22P
   Inverting or SEPIC Module DC/DC Converter with Up to 700mA Output Current
LTM8049 LINER-LTM8049 Datasheet
1Mb / 20P
   Dual SEPIC or Inverting 關Module DC/DC Converter
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
   Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8008 LINER-LTM8008 Datasheet
245Kb / 16P
   72VIN, 6 Output DC/DC SEPIC 關Module Regulator
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
logo
Torex Semiconductor
XC9519 TOREX-XC9519 Datasheet
1Mb / 38P
   Dual Output Step-Up/Inverting DC/DC Converter
logo
Linear Technology
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
logo
Panasonic Semiconductor
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
   Step-up and inverting DC-DC converter
logo
Linear Technology
LTM8008 LINER-LTM8008_15 Datasheet
250Kb / 16P
   72VIN, 6 Output DC/DC SEPIC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com