Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3880 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3880
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 2Page - Linear Technology LTC3880 Datasheet HTML 3Page - Linear Technology LTC3880 Datasheet HTML 4Page - Linear Technology LTC3880 Datasheet HTML 5Page - Linear Technology LTC3880 Datasheet HTML 6Page - Linear Technology LTC3880 Datasheet HTML 7Page - Linear Technology LTC3880 Datasheet HTML 8Page - Linear Technology LTC3880 Datasheet HTML 9Page - Linear Technology LTC3880 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM8001
6
8001f
For more information www.linear.com/8001
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current,
VOUT0 = 18V
Input Current vs Output Current,
VOUT0 = 24V
Minimum VIN0 vs Output Current,
VOUT0 = 3.3V and Below
Minimum VIN0 vs Output Current,
VOUT0 = 5V
Minimum VIN0 vs Output Current,
VOUT0 = 8V
Minimum VIN0 vs Output Current,
VOUT0 = 12V
(TA = 25°C unless otherwise noted. Configured per Table 1, where applicable.)
Minimum VIN0 vs Output Current,
VOUT0 = 18V
Minimum VIN0 vs Output Current,
VOUT0 = 24V
Output Voltage vs Output Current,
VOUT0 = 2.5V
VOUT0 CURRENT (A)
0
1.5
2.0
2.5
3
5
8001 G13
1.0
0.5
0
1
2
4
3.0
3.5
4.0
VINO = 28V
VINO = 36V
VOUT0 CURRENT (A)
0
3.0
4.0
5.0
4
8001 G14
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
1
2
3
5
VINO = 28V
VINO = 36V
VOUT0 CURRENT (A)
0
6
7
4
8001 G1
5
1
2
3
5
4
VOUT0 CURRENT (A)
0
6.75
6.80
4
8001 G16
6.70
1
2
3
5
6.65
VOUT0 CURRENT (A)
0
9.80
9.85
4
8001 G17
9.75
1
2
3
5
9.70
VOUT0 CURRENT (A)
0
13.85
13.90
13.95
4
8001 G18
13.80
13.75
1
2
3
5
13.70
13.65
VOUT0 CURRENT (A)
0
19.69
19.70
19.71
4
8001 G19
19.68
19.67
1
2
3
5
19.66
19.65
19.64
VOUT0 CURRENT (A)
0
25.70
26.00
26.05
26.10
2
4
8001 G20
25.60
25.90
25.80
25.65
25.95
25.55
25.85
25.75
1
3
5
LOAD CURRENT (A)
–10
2.0
2.5
3.5
5
8001 G21
1.5
1.0
–5
0
10
0.5
0
3.0


Similar Part No. - LTC3880

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3880 LINER-LTC3880 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3880 LINER-LTC3880 Datasheet
823Kb / 108P
   Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3880 LINER-LTC3880 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
logo
Analog Devices
LTC3880 AD-LTC3880 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC3880 LINER-LTC3880 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
More results

Similar Description - LTC3880

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
   36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
logo
Analog Devices
LTM4671 AD-LTM4671 Datasheet
1Mb / 36P
   Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
Rev. B
logo
Linear Technology
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
   Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
   Quad DC/DC 關Module Regulator with Configurable 3A Output Array
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
   Quad DC/DC Module Regulator with Configurable 4A Output Array
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com