Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4613 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4613
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 5 Page - Linear Technology

  LTM4613 Datasheet HTML 1Page - Linear Technology LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM8001
5
8001f
For more information www.linear.com/8001
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current,
VOUT0 = 8V
Efficiency vs Output Current,
VOUT0 = 12V
Efficiency vs Output Current,
VOUT0 = 18V
Efficiency vs Output Current,
VOUT0 = 24V
Input Current vs Output Current,
VOUT0 = 2.5V
Input Current vs Output Current,
VOUT0 = 3.3V
(TA = 25°C unless otherwise noted. Configured per Table 1, where applicable.)
Input Current vs Output Current,
VOUT0 = 5V
Input Current vs Output Current,
VOUT0 = 8V
Input Current vs Output Current,
VOUT0 = 12V
VOUT0 CURRENT (A)
0
90
95
100
4
8001 G04
85
80
1
2
3
5
75
70
VINO = 12V
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
90
95
100
4
8001 G05
85
80
1
2
3
5
75
70
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
90
95
100
4
8001 G06
85
80
75
1
2
3
5
VINO = 28V
VINO = 36V
VOUT0 CURRENT (A)
0
90
95
100
4
8001 G07
85
80
1
2
3
5
VINO = 28V
VINO = 36V
VOUT0 CURRENT (A)
0
0.9
1.2
1.5
4
8001 G08
0.6
0.3
0
1
2
3
5
VINO = 12V
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
0
0.2
0.6
0.8
1.0
2
4
5
1.8
8001 G09
0.4
1
3
1.2
1.4
1.6
VINO = 12V
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
1.5
2.0
2.5
4
8001 G10
1.0
0.5
0
1
2
3
5
VINO = 12V
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
1.5
2.0
2.5
3
5
8001 G11
1.0
0.5
0
1
2
4
3.0
3.5
4.0
VINO = 12V
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
2.0
2.5
3.0
4
8001 G12
1.5
1.0
1
2
3
5
0.5
0
VINO = 24V
VINO = 36V


Similar Part No. - LTM4613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4613 LINER-LTM4613 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4613 LINER-LTM4613 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM4613 LINER-LTM4613 Datasheet
347Kb / 20P
   3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM4613 LINER-LTM4613 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM4613 LINER-LTM4613 Datasheet
357Kb / 28P
   36VIN, 5A, 2-Quadrant CVCC Step-Down
More results

Similar Description - LTM4613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
   36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
logo
Analog Devices
LTM4671 AD-LTM4671 Datasheet
1Mb / 36P
   Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
Rev. B
logo
Linear Technology
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
   Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
   Quad DC/DC 關Module Regulator with Configurable 3A Output Array
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
   Quad DC/DC Module Regulator with Configurable 4A Output Array
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com