Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5554 Datasheet(PDF) 11 Page - Linear Technology

Part # LT5554
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5554 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT5554 Datasheet HTML 7Page - Linear Technology LT5554 Datasheet HTML 8Page - Linear Technology LT5554 Datasheet HTML 9Page - Linear Technology LT5554 Datasheet HTML 10Page - Linear Technology LT5554 Datasheet HTML 11Page - Linear Technology LT5554 Datasheet HTML 12Page - Linear Technology LT5554 Datasheet HTML 13Page - Linear Technology LT5554 Datasheet HTML 14Page - Linear Technology LT5554 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC6417
11
6417f
Typical perForMance characTerisTics
OIP3 at 70MHz vs VCM Over V+
OIP3 at 70MHz
vs PWRADJ Over Temperature
OIP3 at 70MHz
vs VCM Over Temperature
OIP3 at 100MHz vs VCM Over V+
OIP3 at 100MHz
vs PWRADJ Over Temperature
OIP3 at 100MHz
vs VCM Over Temperature
OIP3 at 140MHz vs VCM Over V+
OIP3 at 140MHz
vs PWRADJ Over Temperature
OIP3 at 140MHz
vs VCM Over Temperature
VCM (V)
6417 G28
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
–40°C
25°C
85°C
105°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G29
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 5dBm/TONE
∆FREQ = 1MHz
PWRADJ (V)
6417 G30
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
55
50
40
45
30
35
25
–40°C
105°C
25°C
85°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G31
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
–40°C
25°C
105°C
85°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G32
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 5dBm/TONE
∆FREQ = 1MHz
PWRADJ (V)
6417 G33
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
55
50
40
45
30
35
25
25°C
–40°C
105°C
85°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G34
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
–40°C
105°C
25°C
85°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G35
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 5dBm/TONE
∆FREQ = 1MHz
PWRADJ (V)
6417 G36
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
55
50
40
45
30
35
25
105°C
85°C
25°C
–40°C
POUT = 5dBm/TONE
∆FREQ = 1MHz


Similar Part No. - LT5554

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5554 LINER-LT5554 Datasheet
601Kb / 32P
   Broadband Ultra Low Distortion 7-Bit Digitally Controlled VGA
LT5554 LINER-LT5554 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
logo
Analog Devices
LT5554 AD-LT5554 Datasheet
2Mb / 26P
   1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
logo
Linear Technology
LT5554IUH-PBF LINER-LT5554IUH-PBF Datasheet
601Kb / 32P
   Broadband Ultra Low Distortion 7-Bit Digitally Controlled VGA
LT5554IUH-TRPBF LINER-LT5554IUH-TRPBF Datasheet
601Kb / 32P
   Broadband Ultra Low Distortion 7-Bit Digitally Controlled VGA
More results

Similar Description - LT5554

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6417 LINER-LTC6417_15 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver with Fast Clamp
logo
Analog Devices
LTC6417 AD-LTC6417 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
logo
Linear Technology
LTC6416 LINER-LTC6416_15 Datasheet
396Kb / 20P
   2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC6416 LINER-LTC6416 Datasheet
385Kb / 20P
   2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Pericom Semiconductor C...
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
logo
Linear Technology
LTC6430-20 LINER-LTC6430-20_15 Datasheet
2Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6430-15 LINER-LTC6430-15 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6430-15 LINER-LTC6430-15_15 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com