Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTP5900 Datasheet(PDF) 8 Page - Linear Technology

Part # LTP5900
Description  2.4 GHz 802.15.4 Wireless Mote
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5900 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTP5900 Datasheet HTML 4Page - Linear Technology LTP5900 Datasheet HTML 5Page - Linear Technology LTP5900 Datasheet HTML 6Page - Linear Technology LTP5900 Datasheet HTML 7Page - Linear Technology LTP5900 Datasheet HTML 8Page - Linear Technology LTP5900 Datasheet HTML 9Page - Linear Technology LTP5900 Datasheet HTML 10Page - Linear Technology LTP5900 Datasheet HTML 11Page - Linear Technology LTP5900 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Dust Networks
LTP5900 Mote Datasheet
Figure 1
LTP5900 Package with Pin Labels
6.0
Power Supply Design
Care should be taken in cases where the mote inputs will be driven to logic level high. Refer to the 040-0067 SmartMesh IA-
510 Mote Serial API Guide for information on mote bring-up and power cycling.
7.0
Mote Boot Up
7.1
Power-on Sequence
The LTP5900 has internal power-on reset circuits that ensure that the mote will properly boot. External resetting of the
device is not required and not recommended.
Table 9
Power-on Sequence
Parameter
Min
Typ
Max
Units
Comments
RST
¯¯¯ pulse width
125
µs
Reset timing
7.2
Inrush Current
During power on, the mote can be modeled as a lumped impedance, as shown in Figure 2. With a source impedance (Rsrc) of
1 Ω, the inrush current on the mote appears as shown in Figure 3.


Similar Part No. - LTP5900

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5900-WHM LINER-LTP5900-WHM Datasheet
1Mb / 16P
   SmartMesh WirelessHART Node Wireless Mote Module
LTP5900-WHM LINER-LTP5900-WHM_15 Datasheet
1Mb / 16P
   SmartMesh WirelessHART Node Wireless Mote Module
More results

Similar Description - LTP5900

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5901 LINER-LTP5901 Datasheet
943Kb / 30P
   2.4 GHz 802.15.4 EternaTM Mote Modules
LTP5902-WHM LINER-LTP5902-WHM Datasheet
832Kb / 29P
   2.4 GHz 802.15.4 EternaTM Mote Module
LTC5800-IPM LINER-LTC5800-IPM Datasheet
915Kb / 28P
   2.4 GHz 802.15.4 EternaTM Mote-on-Chip
LTC5800-WHM LINER-LTC5800-WHM Datasheet
809Kb / 27P
   2.4 GHz 802.15.4 EternaTM Mote-on-Chip
logo
Anaren Microwave
A2530E24X ANAREN-A2530E24X Datasheet
1Mb / 34P
   2.4 GHz IEEE 802.15.4 compliant
logo
Linear Technology
LTP5903-WHR LINER-LTP5903-WHR Datasheet
465Kb / 19P
   2.4 GHz 802.15.4 Embedded Network Manager
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com